Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366BDR Datasheet(PDF) 71 Page - NXP Semiconductors

Part # P83C366BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDR Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button P83C366BDR Datasheet HTML 67Page - NXP Semiconductors P83C366BDR Datasheet HTML 68Page - NXP Semiconductors P83C366BDR Datasheet HTML 69Page - NXP Semiconductors P83C366BDR Datasheet HTML 70Page - NXP Semiconductors P83C366BDR Datasheet HTML 71Page - NXP Semiconductors P83C366BDR Datasheet HTML 72Page - NXP Semiconductors P83C366BDR Datasheet HTML 73Page - NXP Semiconductors P83C366BDR Datasheet HTML 74Page - NXP Semiconductors P83C366BDR Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
1999 Mar 10
71
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
18.2
EPROM Programming mode
In the EPROM programming mode the selected EPROM is
under the direct control of the external pins. For entering
the programming mode the RESET pin serves as the data
input and the XTALIN pin serves as the clock input. There
is no need to synchronise the addresses, data, read and
write signals with the CPU.
To enter the programming mode, the microcontroller must
first be reset in accordance to the normal reset procedure
to avoid the Idle mode. The programming code is then
shifted in serially via the RESET pin and stored in a
register. After decoding, the required control signals are
generated.
18.2.1
SERIAL PROGRAMMING CODES
Once the device has been reset the programming code
can be shifted in via the RESET pin. The 10-bit
programming code is shown in Fig.45 and defined in
Table 85.
Table 85 Programming code format
BIT
FUNCTION
9to6
Stop bits. These are the last 4 bits to be
shifted in and always take the value ‘0101’,
indicating the end of the test mode code.
5to1
Mode bits. These 5 bits follow the start bit
and select the test mode; see Table 86.
0
Start bit. This is the first bit to be shifted in
and is always a logic 0, indicating that the
following 5 bits are test mode code.
Fig.45 Serial programming code.
handbook, halfpage
MGM683
bit 0
XXXXX
0 1 0
bit 9
Stop bits
Mode bits
Start bit
01
Table 86 Test mode selection.
18.2.2
ENTERING THE PROGRAMMING MODE
The procedure for entering the Programming mode is
detailed below and illustrated in Fig.47
1. The normal reset should be active for at least
24 XTALIN clocks:
a) The first 10 XTALIN clocks cancel any special
modes
b) The 24 XTALIN clocks (2 machine cycles) ensure
that the CPU core is reset.
2. Shift in the programming code via the RESET pin
3. Wait at least 2 XTALIN clocks until the control signals
are ready, then the EPROM address, data and control
signals can be applied. The RESET pin should be
released within 10 XTALIN clocks to prevent the circuit
escaping from EPROM programming mode.
18.2.3
LEAVING THE PROGRAMMING MODE
The device will exit the Programming mode when the
RESET pin is driven HIGH for at least 10 XTALIN clock
cycles.
18.3
Programming and verification
It is not recommended to carry out programming/verify
operations on a byte basis. It is far better to program all
program EPROM (or OSD EPROM) and then verify the
contents.
18.4
OSD EPROM bit map and the sequence of
programming OSDL and OSDH
Each character bit pattern is stored in the on-chip
ROM/EPROM. The character displayed on the screen is in
a 12
× 18 dot matrix format, however it is stored in the
on-chip character ROM in a 12
× 19 format. For the OSD
EPROM character the dot matrix is 16
× 19, but only
12
× 19 is used, therefore the high nibble of OSDH must
be filled with FH.
MODE BITS
TEST MODE
54321
00100
Program EPROM
00110
OSD EPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com