Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366BDR Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P83C366BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDR Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P83C366BDR Datasheet HTML 15Page - NXP Semiconductors P83C366BDR Datasheet HTML 16Page - NXP Semiconductors P83C366BDR Datasheet HTML 17Page - NXP Semiconductors P83C366BDR Datasheet HTML 18Page - NXP Semiconductors P83C366BDR Datasheet HTML 19Page - NXP Semiconductors P83C366BDR Datasheet HTML 20Page - NXP Semiconductors P83C366BDR Datasheet HTML 21Page - NXP Semiconductors P83C366BDR Datasheet HTML 22Page - NXP Semiconductors P83C366BDR Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
1999 Mar 10
19
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
Table 8
Selection of SCL frequency in Master mode
10.4
Status Register (S1STA)
S1STA is an 8-bit read-only Special Function Register. The contents of S1STA may be used as a vector to a service
routine. This optimizes response time of the software and consequently that of the I2C-bus. The status codes for all
possible modes of the I2C-bus interface are given in Table 12. The abbreviations used in Table 12 are defined in
Table 11.
Table 9
Status Register (SFR address D9H)
Table 10 Description of S1STA bits
Table 11 Abbreviations used in Table 12
CR2
CR1
CR0
fosc DIVISOR
BIT RATE (kHz) at fosc = 12 MHz
0
0
0
60
200
0
0
1
1600
7.5
0
1
0
40
300
0
1
1
30
400
1
0
0
240
50
1
0
1
3200
3.75
1
1
0
160
75
1
1
1
120
100
76543210
SC4
SC3
SC2
SC1
SC0
0
0
0
BIT
SYMBOL
DESCRIPTION
7 to 3
SC4 to SC0
5-bit status code; see Table 12.
2to0
−
These 3 bits are held LOW.
SYMBOL
DESCRIPTION
SLA
7-bit slave address
R
read bit
W
write bit
ACK
acknowledgment (Acknowledge bit = 0)
ACK
not acknowledge (Acknowledge bit = 1)
DATA
8-bit byte to or from the I2C-bus
MST
master
SLV
slave
TRX
transmitter
REC
receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com