Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366BDR Datasheet(PDF) 83 Page - NXP Semiconductors

Part # P83C366BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDR Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button P83C366BDR Datasheet HTML 79Page - NXP Semiconductors P83C366BDR Datasheet HTML 80Page - NXP Semiconductors P83C366BDR Datasheet HTML 81Page - NXP Semiconductors P83C366BDR Datasheet HTML 82Page - NXP Semiconductors P83C366BDR Datasheet HTML 83Page - NXP Semiconductors P83C366BDR Datasheet HTML 84Page - NXP Semiconductors P83C366BDR Datasheet HTML 85Page - NXP Semiconductors P83C366BDR Datasheet HTML 86Page - NXP Semiconductors P83C366BDR Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
−
35
P2.4
I/O
CMOS
open-drain + Rpu(5) Yes
−−
−
36
P2.5
I/O
CMOS
open-drain + Rpu(5) Yes
−−
22
37
B
O
−
push-pull, 1.6 mA
No
note 6
LOW(7)
SW con
23
38
G
O
−
push-pull, 1.6 mA
No
note 6
LOW(7)
SW con
24
39
R
O
−
push-pull, 1.6 mA
No
note 6
LOW(7)
SW con
25
40
FB
O
−
push-pull, 1.6 mA
No
note 6
LOW(7)
SW con
26
41
HSYNC
I
TTL STr
−−
−
−
SW con
27
42
VSYNC
I
TTL STr
−−
−
−
SW con
−
43
n.c.
−−
−
−
−
−
−
44
n.c.
−−
−
−
−
−
28
45
VDDA
−−
−
−
−
−
29
46
VSS
−−
−
−
−
−
−
47
P2.6
I/O
CMOS
open-drain + Rpu(5) Yes
−−
30
48
VPP
I
12.75 V
−−
−
−
−
49
VSS
−−
−
−
−
−
31
50
XTALIN
I
CPU XTAL
−−
−
−
32
51
XTALOUT
O
CPU XTAL
−−
−
−
−
52
P2.7
I/O
CMOS
open-drain + Rpu(5) Yes
−−
−
53
IDLPDEM
O
−
push-pull, 2 mA
note 4
−−
33
54
RESET
I
CMOS
STr + Rpd(8)
−−
−
−
−
55
EMUPBX
O
−
push-pull, 2 mA
note 4
−−
−
56
VSS
−−
−
−
−
−
34
−
VSS
−
note 9
−−
−
−
34
57
P1.0
I/O
TTL STr
open-drain + Rpu(5) Yes
original state
Z(2)
34
57
VDD
−
notes 9 and 10
−−
−
−
35
58
P1.1
I/O
TTL STr
open-drain
Yes
original state
Z(2)
35
58
INT1
I
TTL STr
−−
−
−
36
59
P1.2
I/O
TTL STr
open-drain
Yes
original state
Z(2)
36
59
T0
I
TTL STr
−−
−
−
−
60
n.c.
−−
−
−
−
−
PIN
SYMBOL
TYPE
INPUT LEVEL
OUTPUT TYPE
SLOPE
CONTROL
OUTPUT IN
IDLE MODE
OUTPUT
AFTER RESET
ACTIVE STATE
SW CONTROL
SDIP42
PLCC68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com