Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366BDR Datasheet(PDF) 67 Page - NXP Semiconductors

Part # P83C366BDR
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDR Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button P83C366BDR Datasheet HTML 63Page - NXP Semiconductors P83C366BDR Datasheet HTML 64Page - NXP Semiconductors P83C366BDR Datasheet HTML 65Page - NXP Semiconductors P83C366BDR Datasheet HTML 66Page - NXP Semiconductors P83C366BDR Datasheet HTML 67Page - NXP Semiconductors P83C366BDR Datasheet HTML 68Page - NXP Semiconductors P83C366BDR Datasheet HTML 69Page - NXP Semiconductors P83C366BDR Datasheet HTML 70Page - NXP Semiconductors P83C366BDR Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
1999 Mar 10
67
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.14 OSD vertical debouncing circuit
The HSYNC and VSYNC signals entering the OSD circuit are usually extracted from the horizontal and vertical deflection
units of a television set. The shaping and timing of these signals is therefore related to several external conditions that
all have certain tolerances. The trigger levels of the input circuitry also influence the internal timing of HSYNC and
VSYNC. In the odd field the leading edge of both signals is very close, so jitter on one or both of them may result in
occasionally miscounting the number of lines in a field causing a displayed character to bounce up and down on a line.
To avoid this situation the HSYNC signal is delayed by a number of dot clocks. Because the relationship between HSYNC
and VSYNC is not fully known there are 16 user selectable delays available. The period of the horizontal starting position
plus the HDEL delay cannot exceed the HSYNC period.
17.14.1 HORIZONTAL DELAY REGISTER (HDEL)
Table 76 Horizontal Delay Register (SFR address C6H)
Table 77 Description of HDEL bits
Table 78 Selection of HSYNC delay
76543210
−−−−
HDEL3
HDEL2
HDEL1
HDEL0
BIT
SYMBOL
DESCRIPTION
7to4
−
These 4 bits are reserved.
3
HDEL3
HSYNC delay. The state of these 4 bits determines the delay time applied to the
HSYNC signal, see Table 78.
2
HDEL2
1
HDEL1
0
HDEL0
HDEL3
HDEL2
HDEL1
HDEL0
NO. OF DOT
CLOCKS
DELAY TIME AT
5 MHz (
µs)
DELAY TIME AT
10 MHz (
µs)
00000
0
0
0001
32
6.4
3.2
0010
64
12.8
6.4
0011
96
19.2
9.6
0100
128
25.6
12.8
0101
160
32
16
0110
192
38.4
19.2
0111
224
44.8
22.4
1000
256
51.2
25.6
1001
288
57.6
28.8
1010
320
64
32
1011
352
70.4
35.2
1100
384
76.8
38.4
1101
416
83.2
41.6
1110
448
89.6
44.8
1111
480
96
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com