Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5021 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5021
Description  Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5021 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5021 Datasheet HTML 3Page - Analog Devices ADRF5021 Datasheet HTML 4Page - Analog Devices ADRF5021 Datasheet HTML 5Page - Analog Devices ADRF5021 Datasheet HTML 6Page - Analog Devices ADRF5021 Datasheet HTML 7Page - Analog Devices ADRF5021 Datasheet HTML 8Page - Analog Devices ADRF5021 Datasheet HTML 9Page - Analog Devices ADRF5021 Datasheet HTML 10Page - Analog Devices ADRF5021 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADRF5021
Rev. A | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERICS
INSERTION LOSS, RETURN LOSS, AND ISOLATION
Insertion loss and return loss measured on the probe matrix board using the ground, signal, ground (GSG) probes close to the RF pins;
isolation measured on an evaluation board because signal coupling between the probes limits the isolation performance of the ADRF5021
on the probe matrix board (see the Applications Information section for details of evaluation and probe matrix boards).
0
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
FREQUENCY (GHz)
0
40
35
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 8. Insertion Loss Between RFC and RF1/RF2 vs. Frequency over
Temperature
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (GHz)
0
40
35
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 9. Isolation Between RFC and RF1/RF2 vs. Frequency over
Temperature
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
FREQUENCY (GHz)
0
40
35
30
25
20
15
10
5
RF2 OFF
RF1 ON
RFC
Figure 10. Return Loss vs. Frequency (RFC, RF1 On, and RF2 Off)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (GHz)
0
40
35
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 11. Isolation Between RF1 and RF2 vs. Frequency over
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com