Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5021 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5021
Description  Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5021 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5021 Datasheet HTML 1Page - Analog Devices ADRF5021 Datasheet HTML 2Page - Analog Devices ADRF5021 Datasheet HTML 3Page - Analog Devices ADRF5021 Datasheet HTML 4Page - Analog Devices ADRF5021 Datasheet HTML 5Page - Analog Devices ADRF5021 Datasheet HTML 6Page - Analog Devices ADRF5021 Datasheet HTML 7Page - Analog Devices ADRF5021 Datasheet HTML 8Page - Analog Devices ADRF5021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
9 kHz to 30 GHz,
Silicon SPDT Switch
Data Sheet
ADRF5021
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 9 kHz to 30 GHz
Nonreflective 50 Ω design
Low insertion loss: 2.0 dB to 30 GHz
High isolation: 60 dB to 30 GHz
High input linearity
1 dB power compression (P1dB): 28 dBm typical
Third-order intercept (IP3): 52 dBm typical
High power handling
24 dBm through path
24 dBm terminated path
ESD sensitivity: Class 1, 1 kV human body model (HBM)
20-terminal, 3 mm × 3 mm land grid array package
No low frequency spurious
Radio frequency (RF) settling time (to 0.1 dB of final RF
output): 6.2 µs
APPLICATIONS
Test instrumentation
Microwave radios and very small aperture terminals (VSATs)
Military radios, radars, electronic counter measures (ECMs)
Broadband telecommunications systems
FUNCTIONAL BLOCK DIAGRAM
RF2
RF1
RFC
EN
VSS
CTRL
VDD
50Ω
50Ω
ADRF5021
Figure 1.
GENERAL DESCRIPTION
The ADRF5021 is a general-purpose single-pole, double-throw
(SPDT) switch manufactured using a silicon process. It comes
in a 3 mm × 3 mm, 20-terminal land grid array (LGA) package
and provides high isolation and low insertion loss from 9 kHz
to 30 GHz.
This broadband switch requires dual supply voltages, +3.3 V
and −2.5 V, and provides CMOS/LVTTL logic-compatible
control.


Similar Part No. - ADRF5021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020-EVALZ AD-ADRF5020-EVALZ Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN AD-ADRF5020BCCZN Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN-R7 AD-ADRF5020BCCZN-R7 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results

Similar Description - ADRF5021

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
SPDT Switch
logo
M/A-COM Technology Solu...
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
HMICTM Silicon PIN Diode SPDT Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
SPDT Switch
logo
M/A-COM Technology Solu...
MASW-011021 MA-COM-MASW-011021_15 Datasheet
715Kb / 6P
SURMOUNT Silicon PIN Diode SPDT Switch
logo
Analog Devices
ADRF5027 AD-ADRF5027 Datasheet
357Kb / 13P
Silicon SPDT Switch, Nonreflective
7/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com