Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5021 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5021
Description  Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5021 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5021 Datasheet HTML 4Page - Analog Devices ADRF5021 Datasheet HTML 5Page - Analog Devices ADRF5021 Datasheet HTML 6Page - Analog Devices ADRF5021 Datasheet HTML 7Page - Analog Devices ADRF5021 Datasheet HTML 8Page - Analog Devices ADRF5021 Datasheet HTML 9Page - Analog Devices ADRF5021 Datasheet HTML 10Page - Analog Devices ADRF5021 Datasheet HTML 11Page - Analog Devices ADRF5021 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADRF5021
Data Sheet
Rev. A | Page 8 of 12
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT (IP3)
All large signal performance parameters were measured on the evaluation board.
32
10
12
14
16
18
20
22
24
26
30
28
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 12. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency over
Temperature
32
10
12
14
16
18
20
22
24
26
30
28
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 13. Input 1 dB Power Compression (P1dB) vs. Frequency over
Temperature
60
20
25
30
35
40
45
50
55
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 14. Input IP3 vs. Frequency over Temperature
32
10
12
14
16
18
20
22
24
26
28
30
FREQUENCY (Hz)
10k
1M
100M
100k
10M
1G
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 15. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency over
Temperature (Low Frequency Detail)
32
10
12
14
16
18
20
22
24
26
28
30
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
FREQUENCY (Hz)
10k
1M
100M
100k
10M
1G
Figure 16. Input 1 dB Power Compression (P1dB) vs. Frequency over
Temperature (Low Frequency Detail)
60
20
25
30
35
40
45
50
55
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
FREQUENCY (Hz)
10k
1M
100M
100k
10M
1G
Figure 17. Input IP3 vs. Frequency over Temperature (Low Frequency Detail)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com