Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5021 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5021
Description  Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5021 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5021 Datasheet HTML 1Page - Analog Devices ADRF5021 Datasheet HTML 2Page - Analog Devices ADRF5021 Datasheet HTML 3Page - Analog Devices ADRF5021 Datasheet HTML 4Page - Analog Devices ADRF5021 Datasheet HTML 5Page - Analog Devices ADRF5021 Datasheet HTML 6Page - Analog Devices ADRF5021 Datasheet HTML 7Page - Analog Devices ADRF5021 Datasheet HTML 8Page - Analog Devices ADRF5021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADRF5021
Rev. A | Page 3 of 12
SPECIFICATIONS
VDD = 3.3 V to 5 V, VSS = −2.5 V, VCTRL = 0 V or 3.3 V to 5 V, VEN = 0 V or 3.3 V to 5 V, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
0.009
30,000
MHz
INSERTION LOSS
Between RFC and RF1/RF2
9 kHz to 10 GHz
1.1
dB
10 GHz to 20 GHz
1.4
dB
20 GHz to 30 GHz
2.0
dB
ISOLATION
Between RFC and RF1/RF2
9 kHz to 10 GHz
65
dB
10 GHz to 20 GHz
60
dB
20 GHz to 30 GHz
60
dB
Between RF1 and RF2
9 kHz to 10 GHz
70
dB
10 GHz to 20 GHz
65
dB
20 GHz to 30 GHz
60
dB
RETURN LOSS
RFC and RF1/RF2 (On)
9 kHz to 10 GHz
23
dB
10 GHz to 20 GHz
17
dB
20 GHz to- 30 GHz
13
dB
RF1/RF2 (Off)
9 kHz to 10 GHz
30
dB
10 GHz to 20 GHz
18
dB
20 GHz to 30 GHz
8
dB
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
1.0
µs
On and Off Time
tON, tOFF
50% VCTL to 90% of RF output
1.1
µs
RF Settling Time
0.1 dB
50% VCTL to 0.1 dB of final RF output
6.2
µs
0.05 dB
50% VCTL to 0.05 dB of final RF output
10
µs
INPUT LINEARITY1
1 MHz to 30 GHz
Power Compression
0.1 dB
P0.1dB
27
dBm
1 dB
P1dB
28
dBm
Third-Order Intercept
IP3
Two-tone input power = 14 dBm each tone,
Δf = 1 MHz
52
dBm
SUPPLY CURRENT
VDD, VSS pins
Positive
IDD
VDD = 3.3 V
80
300
µA
VDD = 5 V
100
600
µA
Negative
ISS
VSS = −2.5 V
<1
10
µA
DIGITAL CONTROL INPUTS
CTRL, EN pins
Voltage
Low
VINL
VDD = 3.3 V
0
0.8
V
VDD = 5 V
0.9
V
High
VINH
VDD = 3.3 V
1.2
3.3
V
VDD = 5 V
1.7
5.0
V
Current
Low and High
IINL, IINH
<1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com