Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5021 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5021
Description  Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5021 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5021 Datasheet HTML 4Page - Analog Devices ADRF5021 Datasheet HTML 5Page - Analog Devices ADRF5021 Datasheet HTML 6Page - Analog Devices ADRF5021 Datasheet HTML 7Page - Analog Devices ADRF5021 Datasheet HTML 8Page - Analog Devices ADRF5021 Datasheet HTML 9Page - Analog Devices ADRF5021 Datasheet HTML 10Page - Analog Devices ADRF5021 Datasheet HTML 11Page - Analog Devices ADRF5021 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADRF5021
Rev. A | Page 9 of 12
THEORY OF OPERATION
The ADRF5021 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ADRF5021 is internally matched to 50 Ω at the RF common
port (RFC) and the RF throw ports (RF1 and RF2); therefore,
no external matching components are required. All of the RF
ports are dc-coupled to 0 V, and no dc blocking is required at the
RF ports when the RF line potential is equal to 0 V. The design
is bidirectional; the RF input signal can be applied to the RFC
port while the RF throw port (RF1 or RF2) is output or vice versa.
The ADRF5021 incorporates a driver to perform logic functions
internally and to provide the user with the advantage of a simplified
control interface. The driver features two digital control input
pins, CTRL and EN.
When the EN pin is logic low, the RF1 to RFC path is in an
insertion loss state, and the RF2 to RFC path is in an isolation
state, or vice versa, depending on the logic level applied to the
CTRL pin. The insertion loss path (for example, RF1 to RFC)
conducts the RF signal equally well in both directions between
its throw port (for example, RF1) and common port (RFC). The
isolation path (for example, RF2 to RFC) provides high loss
between the insertion loss path and its throw port (for example,
RF2) terminated to an internal 50 Ω resistor.
When the EN pin is logic high, both the RF1 to RFC path and
the RF2 to RFC path are in an isolation state regardless of the
logic state of CTRL. RF1 and RF2 ports are terminated to
internal 50 Ω resistors, and RFC becomes open reflective.
The ideal power-up sequence is as follows:
1. Power up GND.
2. Power up VDD and VSS. The relative order is not
important.
3. Power up the digital control inputs. The relative order of
the logic control inputs is not important. However,
powering the digital control inputs before the VDD supply
can inadvertently forward bias and damage the internal
ESD protection structures.
4. Apply an RF input signal.
Table 4. Control Voltage Truth Table
Digital Control Input
RF Paths
EN
CTRL
RF1 to RFC
RF2 to RFC
Low
Low
Isolation (off)
Insertion loss (on)
Low
High
Insertion loss (on)
Isolation (off)
High
Low
Isolation (off)
Isolation (off)
High
High
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com