Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5021 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5021
Description  Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5021 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5021 Datasheet HTML 4Page - Analog Devices ADRF5021 Datasheet HTML 5Page - Analog Devices ADRF5021 Datasheet HTML 6Page - Analog Devices ADRF5021 Datasheet HTML 7Page - Analog Devices ADRF5021 Datasheet HTML 8Page - Analog Devices ADRF5021 Datasheet HTML 9Page - Analog Devices ADRF5021 Datasheet HTML 10Page - Analog Devices ADRF5021 Datasheet HTML 11Page - Analog Devices ADRF5021 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADRF5021
Rev. A | Page 11 of 12
GND
GND
RFC
GND
GND
GND
EN
VSS
VSS
CTRL
VDD
EN
CTRL
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
U1
J1
J3
J2
J7
DEPOP
J8
DEPOP
THR_CAL
RF2
RFC
RF1
R2
0Ω
R1
0Ω
TP5
TP4
TP3
TP2
TP1
C5
100pF
C2
100pF
DEPOP
C1
10µF
DEPOP
C4
100pF
C3
100nF
DEPOP
C6
10µF
DEPOP
Figure 21. Evaluation Board Schematic
Table 5. Bill of Materials, Evaluation Board Components
Component
Description
J1, J2, J3
End launch connectors, 2.4 mm
J7, J8
Unpopulated end launch connectors, 2.4 mm
TP1 to TP5
Through hole mount test points
C4, C5
100 pF capacitors, 0402 package
C2, C3
Unpopulated capacitors, 0402 package
C1, C6
Unpopulated capacitors, 0603 package
R1, R2
0 Ω resistors, 0402 package
U1
ADRF5021 SPDT switch
PCB
600-01583-00-1 evaluation PCB
PROBE MATRIX BOARD
Figure 22 and Figure 23 show the top and cross sectional views
of the probe matrix board that measures the s-parameters of the
ADRF5021 at close proximity to RF pins using the GSG probes.
The actual board duplicates the same layout in matrix form to
assemble multiple devices and uses RF traces for through,
reflect, and line (TRL) calibration.
220mil
340mil
Figure 22. Probe Board Layout (Top View)
0.5oz Cu
0.5oz Cu
0.5oz Cu
RO4003
0.5oz Cu
W = 14mil
G = 5mil
T = 0.7mil
H = 8mil
Figure 23. Probe Matrix Board (Cross Sectional View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com