Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4856-3YCPZ-R2
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4856-3YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
ADA4856-3
Rev. B | Page 3 of 20
SPECIFICATIONS
5 V OPERATION
TA = 25°C, +VS = 5 V, −VS = 0 V, G = +2, RL = 150 Ω to midsupply, unless otherwise noted.
Table 1.
Parameter
Test Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VO = 0.1 V p-p
370
MHz
VO = 1.4 V p-p
225
MHz
VO = 2 V p-p
200
MHz
Bandwidth for 0.1 dB Flatness
VO = 1.4 V p-p
90
MHz
VO = 2 V p-p
74
MHz
Slew Rate
VO = 2 V step
800
V/µs
Settling Time to 0.1% (Rise/Fall)
VO = 2 V step
4.8/5.2
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (HD2/HD3)
fC = 5 MHz, VO = 2 V p-p, RL = 1 kΩ
−92/−110
dBc
fC = 20 MHz, VO = 2 V p-p, RL = 1 kΩ
−68/−71
dBc
Crosstalk, Output to Output
f = 5 MHz
−80
dB
Input Voltage Noise
f = 100 kHz
14
nV/√Hz
Input Current Noise
f = 100 kHz
2
pA/√Hz
Differential Gain Error
0.01
%
Differential Phase Error
0.01
Degrees
DC PERFORMANCE
Input Offset Voltage
1.3
3.4
mV
Input Offset Voltage Drift
5.5
µV/°C
Input Bias Current
−3.8
µA
Input Offset Current
±0.05
µA
Closed-Loop Gain
1.95
2
2.05
V/V
Open-Loop Gain
90
dB
INPUT CHARACTERISTICS
Input Resistance
3.2
MΩ
Input Capacitance
0.5
pF
Input Common-Mode Voltage Range
−VS − 0.2
+VS − 1
V
Common-Mode Rejection Ratio
VCM = −0.2 V to +4 V
94
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
0.1 to 4.9
V
Linear Output Current Per Amplifier
HD2 ≤ −60 dBc, RL = 10 Ω
52
mA
POWER-DOWN
Turn-On Time
78
ns
Turn-Off Time
950
ns
Input Bias Current
Enabled
0.2
µA
Powered down
−125
µA
Turn-On Voltage
3.75
V
POWER SUPPLY
Operating Range
3
5.5
V
Quiescent Current per Amplifier
7.8
mA
Supply Current When Disabled
1.1
mA
Power Supply Rejection Ratio
∆VS = 4.5 V to 5.5 V
96
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com