Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4856-3YCPZ-R2
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4856-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
ADA4856-3
Rev. B | Page 15 of 20
20 MHz ACTIVE LOW-PASS FILTER
The ADA4856-3 triple amplifier lends itself to higher order
active filters. Figure 42 shows a 20 MHz, 6-pole, Sallen-Key
low-pass filter.
VIN
U1
OP AMP
OUT1
+
R1
93.1Ω
R2
604Ω
C2
22pF
C1
33pF
U2
OP AMP
OUT2
+
R3
113Ω
R4
732Ω
C4
15pF
C3
33pF
U3
OP AMP
OUT3
+
R5
121Ω
R6
475Ω
C6
15pF
C5
47pF
VOUT
Figure 42. 20 MHz, 6-Pole Low-Pass Filter
The filter has a gain of approximately 18 dB, which is set by
three fixed gain of 2 stages, and a flat frequency response out to
14 MHz. This type of filter is commonly used at the output of a
video DAC as a reconstruction filter. The frequency response of
the filter is shown in Figure 43.
20
10
0
–10
–20
–30
–40
–50
–60
1
10
100
200
FREQUENCY (MHz)
SIX POLES
TWO POLES
FOUR POLES
Figure 43. 20 MHz, Low-Pass Filter Frequency Response
VIDEO LINE DRIVER
The ADA4856-3 was designed to excel in video driver applications.
Figure 44 shows a typical schematic for a video driver operating
on bipolar supplies.
1
2
3
ADA4856-3
PD
0.1µF
0.1µF
0.1µF
0.1µF
10µF
0.1µF
+
0.1µF
10µF
7
5Ω
7
5Ω
7
5Ω
7
5Ω
7
5Ω
7
5Ω
–VS
–VS
+VS
+VS
VOUT (R)
VIN (R)
VIN (G)
VIN (B)
VOUT (G)
VOUT (B)
16
15
14
13
5
6
7
12
11
10
9
4
8
Figure 44. Video Driver Schematic
In applications that require multiple video loads be driven
simultaneously, the ADA4856-3 can deliver. Figure 45 shows
the ADA4856-3 configured with triple video loads. Figure 46
shows the triple video load performance.
75Ω
CABLE
75Ω
CABLE
75Ω
75Ω
75Ω
VOUT2
VOUT1
–VS
+VS
VIN
0.1µF
0.1µF
10µF
10µF
75Ω
CABLE
75Ω
75Ω
75Ω
CABLE
75Ω
75Ω
VOUT3
+
ADA4856-3
0.1µF
Figure 45. Video Driver Schematic for Triple Video Loads
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1
10
100
200
FREQUENCY (MHz)
RL = 150Ω
RL = 75Ω
RL = 50Ω
VS = 5V
VOUT = 1V p-p
Figure 46. Large Signal Frequency Response for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com