Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4856-3YCPZ-R2
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4856-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
ADA4856-3
Rev. B | Page 13 of 20
APPLICATIONS INFORMATION
USING THE ADA4856-3 IN GAINS EQUAL TO +1, −1
The ADA4856-3 was designed to offer outstanding video
performance, simplify applications, and minimize board area.
The ADA4856-3 is a triple amplifier with on-chip feedback
and gain set resistors. The gain is fixed internally at G = +2. The
inclusion of the on-chip resistors not only simplifies the design of
the application but also eliminates six surface-mount resistors,
saving valuable board space and lowering assembly costs.
Whereas the ADA4856-3 has a fixed gain of G = +2, it can be
used in other gain configurations, such as G = −1 and G = +1.
Unity-Gain Operation
Option 1
There are two options for obtaining unity gain (G = +1). The
first is shown in Figure 34. In this configuration, the –IN input
pin is tied to the output (feedback is now provided with the two
internal 402 Ω resistors in parallel), and the input is applied to
the noninverting input. The noise gain for this configuration is 1.
0.1µF
0.1µF
VIN
RT
VOUT
+VS
–VS
GAIN OF +1
10µF
10µF
Figure 34. Unity Gain of Option 1
Option 2
Another option exists for running the ADA4856-3 as a unity-
gain amplifier. In this configuration, the noise gain is +2, see
Figure 35. The frequency response and transient response for
this configuration closely match the gain of +2 plots because the
noise gains are equal. This method does have twice the noise gain
of Option 1; however, in applications that do not require low noise,
Option 2 offers less peaking and ringing. By tying the inputs
together, the net gain of the amplifier becomes 1. Equation 1 shows
the transfer characteristic for the schematic shown in Figure 35.




 
G
G
F
IN
G
F
IN
OUT
R
R
R
V
R
R
V
V
(1)
which simplifies to VOUT = VIN.
0.1µF
0.1µF
VIN
RT
RG
RF
VOUT
+VS
–VS
GAIN OF +1
10µF
10µF
Figure 35. Unity Gain of Option 2
Inverting Unity-Gain Operation
In this configuration, the noninverting input is tied to ground
and the input signal is applied to the inverting input. The noise
gain for this configuration is +2, see Figure 36.
0.1µF
0.1µF
VIN
RT
VOUT
+VS
–VS
GAIN OF –1
10µF
10µF
Figure 36. Inverting Configuration (G = −1)
Figure 37 shows the small signal frequency response for both
gain of +1 (Option 1 and Option 2) and gain of −1 configurations.
It is clear that G = +1, Option 2 has better flatness and no peaking
compared to Option 1.
6
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
RL = 100Ω
VOUT = 100mV p-p
OPTION 1
G = +1
OPTION 2
G = +1
G = –1
Figure 37. G = +1 and G = −1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com