Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4856-3YCPZ-R2
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4856-3YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADA4856-3
Data Sheet
Rev. B | Page 8 of 20
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0.1110
HD2
HD3
100
FREQUENCY (MHz)
RL = 1kΩ
VOUT = 2V p-p
Figure 11. Harmonic Distortion vs. Frequency
0
–20
–40
–60
–80
–100
–120
0.1
1
10
100
1000
FREQUENCY (MHz)
OUT2
OUT3
OUT1
Figure 12. Forward Isolation vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.01
100
600
10
1
0.1
FREQUENCY (MHz)
+PSRR
–PSRR
Figure 13. Power Supply Rejection Ratio (PSRR) vs. Frequency
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0.1
1
HD2
HD3
10
100
FREQUENCY (MHz)
RL = 1kΩ
VOUT = 1V p-p
VS = 3.3V
Figure 14. Harmonic Distortion vs. Frequency
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
500
FREQUENCY (MHz)
IN1, IN2, OUT3
IN2, IN3, OUT1
IN1, IN3, OUT2
Figure 15. Crosstalk vs. Frequency
TIME (2ns/DIV)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
INPUT
OUTPUT
ERROR
Figure 16. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com