Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4856-3YCPZ-R2
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4856-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ADA4856-3
Data Sheet
Rev. B | Page 12 of 20
THEORY OF OPERATION
The ADA4856-3 is a voltage feedback op amp that employs a
new input stage that achieves a high slew rate while maintaining
a wide common-mode input range. The input common-mode
range of the ADA4856-3 extends from 200 mV below the negative
rail to about 1 V from the positive rail. This feature makes the
ADA4856-3 ideal for low voltage single-supply applications. In
addition, this new input stage does not sacrifice noise performance
for slew rate. At 14 nV/√Hz, the ADA4856-3 is one of the
lowest noise rail-to-rail output video amplifiers in the market.
Besides a novel input stage, the ADA4856-3 employs the Analog
Devices, Inc., patented rail-to-rail output stage. This output
stage makes an efficient use of the power supplies, allowing the
op amp to drive up to three video loads to within 300 mV from
both rails. In addition, this output stage provides the amplifier
with very fast overdrive characteristics, an important property
in video applications.
The ADA4856-3 comes in a 16-lead LFCSP that has an exposed
thermal pad for lower operating temperature. This pad is connected
internally to the negative rail. To avoid printed circuit board (PCB)
layout problems, the ADA4856-3 features a new pinout flow that
is optimized for video applications. As shown in Figure 4, the
feedback and gain resistors are on-chip, which minimizes the
number of components needed and improves the design layout.
The ADA4856-3 is fabricated in Analog Devices dielectrically
isolated eXtra Fast Complementary Bipolar 3 (XFCB3) process,
which results in the outstanding speed and dynamic range
displayed by the amplifier.
OUT
+IN
–IN
C
C1
–VS
Gm1
Gm2
+VS
R
Figure 33. High Level Design Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com