Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4856-3YCPZ-R2
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4856-3YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
ADA4856-3
Rev. B | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 5 V, G = +2, RL = 150 Ω, large signal VOUT = 2 V p-p, small signal VOUT = 100 mV p-p, unless otherwise noted.
7
6
5
4
3
2
1
0
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
VS = 3.3V
Figure 5. Small Signal Frequency Response vs. Supply Voltage
6.2
6.1
6.0
5.9
5.8
1
10
100
1000
FREQUENCY (MHz)
VS = 5V, VOUT = 2V p-p
VS = 3.3V, VOUT = 1.4V p-p
VS = 3.3V, VOUT = 2V p-p
VS = 5V, VOUT = 1.4V p-p
Figure 6. Large Signal 0.1 dB Flatness vs. Supply Voltage
7
6
5
4
3
2
1
0
1
10
100
1000
FREQUENCY (MHz)
RL = 150Ω
RL = 1kΩ
Figure 7. Small Signal Frequency Response vs. Load Resistance
7
6
5
4
3
2
1
0
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V, VOUT = 2V p-p
VS = 5V, VOUT = 1.4V p-p
VS = 5V, VOUT = 2V p-p
VS = 3.3V, VOUT = 1.4V p-p
Figure 8. Large Signal Frequency Response vs. Supply Voltage
–8
–6
–4
–2
0
2
1
10
100
1000
FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = +105°C
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
TA = –40°C
Figure 9. Small Signal Frequency Response vs. Temperature
6
4
2
0
–2
–4
–6
1
10
100
1000
FREQUENCY (MHz)
CL = 4.4pF
CL = 6.6pF
CL = 2.2pF
Figure 10. Small Signal Frequency Response vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com