Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F438LPF Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB90F438LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F438LPF Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB90F438LPF Datasheet HTML 29Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 30Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 31Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 32Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 33Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 34Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 35Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 36Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
MB90435 Series
32
DS07-13727-2E
(Continued)
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
* : The power supply current testing conditions are when using the external clock.
Parameter
Sym-
bol
Pin name
Condition
Value
Units
Remarks
Min
Typ
Max
Power
supply
current*
ICC
VCC
Internal frequency : 16 MHz,
At normal operating
⎯
40
55
mA
Internal frequency : 16 MHz,
At Flash programming/erasing
⎯
50
70
mA
Flash device
ICCS
Internal frequency : 16 MHz,
At sleep mode
⎯
12
20
mA
ICTS
VCC
= 5.0 V ± 1%,
Internal frequency : 2 MHz,
At pseudo timer mode
⎯
300
600
µA
⎯
600
1100
µA MB90F348L (S)
⎯
200
400
µA
MB90437L (S) /
438L (S)
ICCL
Internal frequency : 8 kHz,
At sub operation, TA
= 25 °C
⎯
400
750
µA MB90F438L (S)
⎯
50
100
µAMask ROM
⎯
150
300
µA Flash device
ICCLS
Internal frequency : 8 kHz,
At sub sleep, TA
= 25 °C
⎯
15
40
µA
ICCT
Internal frequency : 8 kHz,
At timer mode, TA
= 25 °C
⎯
725
µA
ICCH1
At stop, TA
= 25 °C
⎯
520
µA
ICCH2
At hardware standby mode,
TA
= 25 °C
⎯
50
100
µA
Input
capacity
CIN
Other than
AVCC, AVSS,
AVRH,
AVRL, C,
VCC, VSS
⎯⎯
515
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com