Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F438LPF Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # MB90F438LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F438LPF Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button MB90F438LPF Datasheet HTML 44Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 45Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 46Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 47Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 48Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 49Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 50Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 51Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
MB90435 Series
DS07-13727-2E
47
5.
A/D Converter
• Electrical Characteristics
(VCC
= AVCC = 5.0 V±10%, VSS = AVSS = 0.0 V, 3.0 V ≤ AVRH − AVRL, TA = −40 °C to +105 °C)
* : When not using an A/D converter, this is the current (VCC
= AVCC = AVRH = 5.0 V) when the CPU is stopped.
Note: The functionality of the A/D converter is only guaranteed for VCC
= 5.0 V ± 10 % (also for MB90F438L (S) /
437L (S) /438L (S) ) .
Parameter
Symbol
Pin name
Value
Units
Remarks
Min
Typ
Max
Resolution
⎯⎯
⎯
⎯
10
bit
Conversion error
⎯⎯
⎯
⎯
±5.0
LSB
Nonlinearity error
⎯⎯
⎯
⎯
±2.5
LSB
Differential nonlinearity
error
⎯⎯
⎯
⎯
±1.9
LSB
Zero transition voltage
VOT
AN0 to AN7
AVRL
− 3.5
LSB
AVRL
+ 0.5
LSB
AVRL
+ 4.5
LSB
V
1 LSB
=
(AVRH-
AVSS)/1024
Full scale transition voltage
VFST
AN0 to AN7
AVRH
− 6.5
LSB
AVRH
− 1.5
LSB
AVRH
+ 1.5
LSB
V
Compare time
⎯⎯
352 tCP
⎯⎯
ns
Internal
frequency :
16 MHz
Sampling time
⎯⎯
64 tCP
⎯⎯
ns
Internal
frequency :
16 MHz
Analog port input current
IAIN
AN0 to AN7
−1
⎯
1
µA
VCC
= AVCC =
5.0 V
± 1%
Analog input voltage range
VAIN
AN0 to AN7
AVRL
⎯
AVRH
V
Reference voltage range
⎯
AVRH
AVRL
+ 2.7
⎯
AVCC
V
⎯
AVRL
0
⎯
AVRH
− 2.7
V
Power supply current
IA
AVCC
⎯
5
⎯
mA
IAH
AVCC
⎯⎯
5
µA*
Reference voltage supply
current
IR
AVRH
⎯
400
600
µA
Flash device
⎯
140
260
µA
Mask ROM
IRH
AVRH
⎯⎯
5
µA*
Offset between input
channels
⎯
AN0 to AN7
⎯⎯
4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com