Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F438LPF Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB90F438LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F438LPF Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB90F438LPF Datasheet HTML 5Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 6Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 7Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 8Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 9Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 10Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 11Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 12Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
MB90435 Series
8
DS07-13727-2E
■ PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP*2
QFP*1
80
81
82
83
X0
X1
A
(Oscillation)
High speed crystal oscillator input pins
78
80
X0A
A
(Oscillation)
Low speed crystal oscillator input pins. For the one clock
system parts, perfom external pull-down processing.
77
79
X1A
Low speed crystal oscillator input pins. For the one clock
system parts, leave it open.
75
77
RST
B
External reset request input pin
50
52
HST
C
Hardware standby input pin
83 to 90
85 to 92
P00 to P07
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus. This
function is enabled when the external bus is enabled.
91 to 98 93 to 100
P10 to P17
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode.
AD08 to AD15
I/O pins for 8 higher bits of the external address/data bus. This
function is enabled when the external bus is enabled.
99 to 6
1 to 8
P20 to P27
I
General I/O port with programmable pull-up. In external bus
mode, this function is valid when the corresponding bits in the
external address output control register (HACR) are set to “1”.
A16 to A23
8-bit output pins for A16 to A23 at the external address bus. In
external bus mode, this function is valid when the correspond-
ing bits in the external address output control register (HACR)
are set to “0”.
79
P30
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode.
ALE
Address latch enable output pin. This function is enabled
when the external bus is enabled.
810
P31
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode.
RD
Read strobe output pin for the data bus. This function is
enabled when the external bus is enabled.
10
12
P32
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode or when the WR/WRL pin
output is disabled.
WRL
Write strobe output pin for the data bus. This function is
enabled when both the external bus and the WR/WRL pin
output are enabled. WRL is write-strobe output pin for the
lower 8 bits of the data bus in 16-bit access. WR is write-strobe
output pin for the 8 bits of the data bus in 8-bit access.
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com