Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F438LPF Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB90F438LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F438LPF Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB90F438LPF Datasheet HTML 34Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 35Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 36Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 37Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 38Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 39Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 40Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 41Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
MB90435 Series
DS07-13727-2E
37
RST
HST
0.2 VCC
tRSTL, tHSTL
0.2 VCC
tRSTL
0.2 VCC
0.2 VCC
4 tCP
RST
X0
Internal operation clock
Internal reset
90% of
amplitude
Oscillation time of
oscillator
Oscillation setting time
Instruction execution
• Under normal operation, Pseudo timer mode, Sub clock mode, Sub sleep mode, Watch mode
• In stop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com