Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F438LPF Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # MB90F438LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F438LPF Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button MB90F438LPF Datasheet HTML 48Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 49Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 50Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 51Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 52Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 53Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 54Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 55Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
MB90435 Series
DS07-13727-2E
51
■ EXAMPLE CHARACTERISTICS
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
-10
-8
-6
-4
-2
IOH [mA]
VOH – IOH
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
10
8
6
4
2
IOL [mA]
VOL – IOL
(VCC = 4.5 V, Ta = +25°C)
(VCC = 4.5 V, Ta = +25°C)
5
4
3
2
1
0
3
5.5
5
4.5
4
3.5
Vcc [V]
Vin – Vcc
6
6.5
VIH
VIL
(Ta =+25°C)
• “H” level output voltage
• “H” level input voltage/ “L” level input voltage
(Hysterisis inpiut)
• “L” level output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com