Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F438LPF Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # MB90F438LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F438LPF Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button MB90F438LPF Datasheet HTML 22Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 23Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 24Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 25Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 26Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 27Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 28Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 29Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
MB90435 Series
DS07-13727-2E
25
(Continued)
• Read/write notation
• Initial value notation
Note : Any write access to reserved addresses in I/O map should not be performed. A read access to reserved
addresses results in reading “X”.
Address
Register
Abbreviation Access
Resource name
Initial value
3920H
Input Capture Register 4
IPCP4
R
Input Capture 4/5
XXXXXXXXB
3921H
Input Capture Register 4
IPCP4
R
XXXXXXXXB
3922H
Input Capture Register 5
IPCP5
R
XXXXXXXXB
3923H
Input Capture Register 5
IPCP5
R
XXXXXXXXB
3924H
Input Capture Register 6
IPCP6
R
Input Capture 6/7
XXXXXXXXB
3925H
Input Capture Register 6
IPCP6
R
XXXXXXXXB
3926H
Input Capture Register 7
IPCP7
R
XXXXXXXXB
3927H
Input Capture Register 7
IPCP7
R
XXXXXXXXB
3928H
Output Compare Register 0
OCCP0
R/W
Output Compare 0/1
XXXXXXXXB
3929H
Output Compare Register 0
OCCP0
R/W
XXXXXXXXB
392AH
Output Compare Register 1
OCCP1
R/W
XXXXXXXXB
392BH
Output Compare Register 1
OCCP1
R/W
XXXXXXXXB
392CH
Output Compare Register 2
OCCP2
R/W
Output Compare 2/3
XXXXXXXXB
392DH
Output Compare Register 2
OCCP2
R/W
XXXXXXXXB
392EH
Output Compare Register 3
OCCP3
R/W
XXXXXXXXB
392FH
Output Compare Register 3
OCCP3
R/W
XXXXXXXXB
3930H to
39FFH
Reserved
3A00H to
3AFFH
Reserved
3B00H to
3BFFH
Reserved
3C00H to
3CFFH
Reserved
3D00H to
3DFFH
Reserved
3E00H to
3FFFH
Reserved
R/W : Reading and writing permitted
R
: Read-only
W
: Write-only
0
: Initial value is “0”.
1
: Initial value is “1”.
X
: Initial value is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com