Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-RNDGI Datasheet(PDF) 16 Page - Integrated Device Technology

Part # P9235A-RNDGI
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button P9235A-RNDGI Datasheet HTML 12Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 13Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 14Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 15Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 16Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 17Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 18Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 19Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
16
May 17, 2016
Buzzer Function
The BUZ pin is able to drive a piezoelectric type transducer without amplification. As shown on the reference schematic, a series current
limiting resistor (R20) must be included if a buzzer is used. The buzzer signal is a 2 kHz square wave. It is recommended to use a buzzer with
a 2 kHz resonant frequency for best results.
End of Power Transfer Response
The P9235A-R will shut down and stop the power transfer once it receives an End of Power Transfer (EPT) packet. The P9235A-R will
behave differently based on the reason for the EPT request. Table 10 shows the different EPT behaviors.
Table 10. End of Power Transfer Response
EPT Reason
P9235A-R Behavior
End of Power Transfer:
Over-Current
The P9235A-R will shut down the system, keeping the analog ping and digital ping. If the over-current
condition is not removed, the system will enter into a hiccup mode. In hiccup mode the following sequence
is repeated while the over current condition exists: the system starts up and applies the receiver voltage to
the load, the receiver detects an over current condition and reports it to the transmitter, the transmitter
shuts down.
End of Power Transfer:
Over-Temperature
The P9235A-R will shut down the system, keeping the analog ping but muting the digital ping for 5
minutes. If the P9027LP-R is removed within 5 minutes, the P9235A-R will restart the digital ping. After 5
minutes, the P9235A-R will send out one digital ping to check if the fault condition has been removed.
End of Power Transfer:
Charge Complete.
The P9235A-R will shut down the system, keeping the analog ping but muting the digital ping for 5
minutes. If the P9027LP-R is removed within 5 minutes, the P9235A-R will restart the digital ping. After 5
minutes, the P9235A-R will send out one digital ping to check if the battery needs to start charging again.
End of Power Transfer:
Internal Fault
The P9235A-R will shut down the system, keeping the analog ping and digital ping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com