Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-RNDGI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # P9235A-RNDGI
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button P9235A-RNDGI Datasheet HTML 8Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 9Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 10Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 11Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 12Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 13Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 14Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 15Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
12
May 17, 2016
Enable Function (EN Pin)
When voltage on the EN
¯¯ pin is greater than 2.5 V, the P9235A-R shuts down the buck regulator. It goes onto Shutdown Mode, which
disables all the analog and digital modules. Current consumption in Shutdown Mode is less than 25 µA. When EN
¯¯ is less than 1.0 V, the
P9235A-R is fully functional, and all the blocks are enabled. Figure 7 shows EN thresholds.
Figure 7. EN pin threshold
Time
VEN_L
Shutdown
Mode
Normal
Operating
mode
VEN_H
1.0V
2.5V
Normal
Operating
mode
When EN
¯¯ is less than 1.0 V and a receiver is not yet detected, the P9235A-R is in the low power Standby Mode. The P9235A-R periodically
comes out of Standby Mode to generate digital and analog pings to detect the presence of a receiver. Between these pings, the P9235A-R
continues in the Standby Mode to maintain low power consumption.
Input Current Sense
The P9235A-R monitors its input current by using an external sense resistor (R6), in series with the input voltage rail of the full bridge LC tank
driver circuit (Q2, Q3). The voltage across the sense resistor is fed into the ISNS_H and ISNS_L pin via an RC filter (R4,R5,C2). The
differential signal of ISNS_H and ISNS_L is processed by the internal ADC and associated firmware.
The current sense resistor is sensitive to noise, as well as to circuit board conditions. On the layout of PCB, it is necessary to use Kelvin
sensing when routing the ISNS_H and ISNS_L connections. Incorrect current reporting may also occur when a re-worked board has residue
(e.g. flux) around the sense resistor. More details are available in the P9235A-R layout guide, AN936.
For 2W/3W applications, use a 20mΩ sense resistor (R6). For 1W applications use a 50 mΩ sense resistor. Adjust the resistor divider (R27,
R31) value on the LED_PAT pin according to the sense resistor used.
Communication and Modulation
The wireless power system uses an in-band communication, such that the current and voltage on the transmitter’s power coil assume two
states, namely a HI state and a LO state. For a valid state, the amplitude is constant, within a certain variation Δ, for at least ts ms. If the
wireless power receiver is properly aligned to the transmitter’s power coil, and for all appropriate loads, at least one of the following two
conditions shall apply, as shown in Figure 8.
Difference of the amplitude of the transmitter current in the HI and LO state: ≥ 15 mA.
Difference of the amplitude of the transmitter voltage in the HI and LO state: ≥ 200 mV.
The minimum hold time for a valid HI or LO state: ≥ 0.15 ms
Figure 8. Modulation
Modulation
Depth
HI State
LO State
LO State
HI State
Δ
ts
ts
ts
ts
The receiver uses a 2 kHz, differential, bi-phase encoding scheme to modulate data bits onto the power signal. A logic ONE bit is encoded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com