Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-RNDGI Datasheet(PDF) 18 Page - Integrated Device Technology

Part # P9235A-RNDGI
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button P9235A-RNDGI Datasheet HTML 14Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 15Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 16Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 17Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 18Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 19Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 20Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 21Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
18
May 17, 2016
Power Dissipation and Thermal Requirements
The P9235A-R is offered in a QFN-40 package which has a maximum power dissipation capability of approximately 1.2W. The number of
thermal vias between the package and the printed circuit board determines the maximum power dissipation. The maximum power dissipation
of the package is limited by the die’s specified maximum operating junction temperature, TJ(MAX), of 125°C, the maximum ambient operating
temperature, TA, of 85°C,and the package thermal resistance, ΘJA. The junction temperature rises when the heat generated by the device’s
power dissipation flows through the package thermal resistance. The QFN package offers a typical thermal resistance, junction to ambient
(ΘJA), of 28.5°C/W when the PCB layout guideline and surrounding devices are optimized.
The techniques as noted in the PCB layout section must be followed when designing the printed circuit board layout. Attention to the
placement of the P9235A-R IC and bridge FET packages, in proximity to other heat-generating devices in a given application design, should
also be considered. The ambient temperature around the power IC will also have an effect on the thermal limits of an application. The main
factors influencing ΘJA (in the order of decreasing influence) are PCB characteristics, die/package attach thermal pad size (QFN) and thermal
vias, and final system hardware construction. Board designers should keep in mind that the package thermal metric ΘJA is impacted by the
characteristics of the PCB itself upon which the IC is mounted. Changing the design or configuration of the PCB changes the overall thermal
resistivity and the board’s heat-sinking efficiency.
The use of integrated circuits in low-profile and fine-pitch surface-mount packages requires special attention to power dissipation. Many
system-dependent issues such as thermal coupling, airflow, added heat sinks, convection surfaces, and the presence of other heat-
generating components affect the power-dissipation limits of a given component.
In summary, the three basic approaches for enhancing thermal performance are:
1. Improve the power dissipation capability of the PCB design
2. Improve the thermal coupling of the component to the PCB
3. Introduce airflow into the system
First, the maximum power dissipation for a given situation should be calculated:
PD(MAX) = (TJ(MAX) - TA)/θJA
In which
PD(MAX) = Maximum Power Dissipation
θJA = Package Thermal Resistance (°C/W)
TJ(MAX) = Maximum Device Junction Temperature (°C)
TA = Ambient Temperature (°C)
The maximum recommended operating junction temperature (TJ(MAX)) for the P9235A-R device is 120°C. The thermal resistance of the 40-pin
QFN package is optimally θJA=28.5°C/W. Operation is specified to a maximum steady-state ambient temperature (TA) of 85°C. Therefore, the
maximum recommended power dissipation is:
PD(Max) = (120°C - 85°C) / 28.5°C/W ≅ 1.2 Watt.
Thermal Protection
To allow the maximum load current, and to prevent thermal overload, he heat generated by the P9235A-R solution must be dissipated into the
PCB. All the available pins must be soldered to the PCB. GND pins (exposed paddle, EP) and bridge FET GND pins should be soldered to
the PCB ground plane to improve thermal performance, with multiple vias connected to all layers of the PCB.
Special Notes
NDG QFN-40 Package Assembly
Note 1: Unopened Dry Packaged Parts have a one-year shelf life.
Note 2: The HIC indicator card for newly-opened Dry Packaged Parts should be checked. If there is any moisture content, the parts must be
baked for a minimum of 8 hours at 125˚C within 24 hours prior to the assembly reflow process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com