Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-RNDGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # P9235A-RNDGI
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button P9235A-RNDGI Datasheet HTML 3Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 4Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 5Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 6Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 7Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 8Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 9Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 10Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
7
May 17, 2016
Pin Description
Table 6. Pin Descriptions
Pin(s) Name
Type
Description
1
EN
¯¯
I
Active low enable pin. When connected to logic high, the device shuts down and
consumes less than 25 µA of current. When connected to logic low, the device is in
normal operation.
2
GND_S
-
Ground connection.
3
VO_5
O
Regulated output voltage used for the internal device biasing. Connect a 1 µF capacitor
from this pin to ground. This pin should not be externally loaded.
4
VIN
I
Input power supply. Connect a 10 µF capacitor from this pin to ground.
5
SW_B
O
Step-down regulator switch node. Connect one of the terminals of a 4.7 µH inductor to this
pin.
6
GND_B
-
Ground connection.
7
VO_33
O
Regulated 3.3 V output voltage used for internal device biasing. Connect a 1 µF capacitor
from this pin to ground. This pin should not be externally loaded.
8
VIN_LDO
I
Low Dropout input power supply. Connect this pin to a 5 V source, either to the output of
the 5 V output step-down regulator or to the input power supply pin, VIN.
9
VO_18
O
Regulated 1.8 V output voltage used for internal device biasing. Connect a 1 µF capacitor
from this pin to ground. This pin should not be externally loaded.
10
RSVD1
I
This pin is reserved for internal use only. Pull down to ground with an external 47 kΩ
resistor.
11
RSVD2
I
This pin is reserved for internal use only. Pull down to ground with an external 47 kΩ
resistor.
12
VDDIO
I
Input power supply for all GPIOs. Can be connected to a power supply ranging from 1.8 –
5.0 V.
13
SCL
I
Clock for I2C communication. Connect a 5.1 K resistor from this pin to VO_5
14
SDA
I/O
Data for I2C communication. Connect a 5.1 K resistor from this pin to VO_5
15
ILIM
I
Programmable over-current limit pin. Connect a resistor from this pin to GND to set the
current-limit threshold. To disable the current-limit, connect the pin directly to GND. For
more information, see current limit application section.
16
LED_PAT
I
Programmable LED pattern selection. Connect the center tap of the resistor divider to this
pin. For more information on various LED blinking pattern, see LED pattern application
section.
17
GPIO_A4
I/O
General purpose input/output. The GPIO’s power is supplied from the VDDIO pin. This pin
is configured as an output. If it is not used then it may be left floating.
18
TS
I
Remote temperature sensing. Connect a 10 k NTC via a voltage divider to this pin.
19
BUZ
O
Buzzer pin output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com