Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-RNDGI Datasheet(PDF) 13 Page - Integrated Device Technology

Part # P9235A-RNDGI
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button P9235A-RNDGI Datasheet HTML 9Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 10Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 11Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 12Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 13Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 14Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 15Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 16Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
13
May 17, 2016
using two narrow transitions. A logic ZERO bit is encoded using two wider transitions as shown in Figure 9.
Figure 9. Bit encoding scheme.
tCLK
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
Each byte in the communication packet comprises 11 bits in an asynchronous serial format. The start bit is always LO. This is followed by 8
bits of data. The final two bits are parity and stop, as shown in Figure 10.
Figure 10. Byte encoding scheme.
Start
Stop
Parity
b
0
1
2
3
4
5
6
7
b
b
b
b
b
b
b
The wireless power receiver communicates with the wireless power transmitter via communication packets. Each communication packet has
the following structure:
Figure 11. Communication packet structure
Preamble
Header
Message
Checksum
LED Pattern Selection
A green LED and a red LED indicate status. The LED Patterns depend on the selected LED mode. The voltage applied through resistor
divider to the LED_PAT pin selects the desired LED mode. Table 8 shows the available selections. Note that the LED pin selection is
combined with the input current sense resistor. Pulling the LED_PAT pin to GND via a 47 kΩ resistor will set the LED pattern to the default
Mode 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com