Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-RNDGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # P9235A-RNDGI
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI Datasheet(HTML) 4 Page - Integrated Device Technology

  P9235A-RNDGI Datasheet HTML 1Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 2Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 3Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 4Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 5Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 6Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 7Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 8Page - Integrated Device Technology P9235A-RNDGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
4
May 17, 2016
Table 5. Device Characteristic (Continued)
VIN = 5 V, VDDIO = 3.3 V, EN
¯¯ = 0V, LP = 6.5 µH, CP = 400 nF TA = -40C to +85C. Typical values are at 25°C, unless otherwise noted.
Symbol
Description
Conditions/Notes
Min
Typical
Max
Units
Clock Oscillators
FLSOSC
Low speed clock
50
kHz
FCLOCK
OSC clock frequency
6
MHz
FCENTER2
PLL VCO frequency
120
MHz
General Purpose Inputs/Outputs (GPIO)
VIH
Input high voltage
0.7*VDDIO
V
VIL
Input low voltage
0.3*VDDIO
V
ILKG
Leakage Current
-1.0
1 .0
µA
VOH
Output logic high
I=8mA
2.4
V
VOL
Output logic low
I=8mA
0.5
V
SCL, SDA (I2C Interface)
fSCL_MSTR
Clock Frequency
As I2C master
400
kHz
fSCL_SLV
Clock Frequency
As I2C slave
400
kHz
CB
Capacitive load
For each bus line
100
pF
CBIN
SCL, SDA Input Capacitance
5.0
pF
ILKG
Leakage Current
1.0
1.0
µA
NOTES:
1. Do not externally load. For internal biasing only.
2. Guaranteed by design and not subject to 100% production testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com