Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button ZLED7015 Datasheet HTML 14Page - Integrated Device Technology ZLED7015 Datasheet HTML 15Page - Integrated Device Technology ZLED7015 Datasheet HTML 16Page - Integrated Device Technology ZLED7015 Datasheet HTML 17Page - Integrated Device Technology ZLED7015 Datasheet HTML 18Page - Integrated Device Technology ZLED7015 Datasheet HTML 19Page - Integrated Device Technology ZLED7015 Datasheet HTML 20Page - Integrated Device Technology ZLED7015 Datasheet HTML 21Page - Integrated Device Technology ZLED7015 Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
18
April 20, 2016
2
2
_
)
(
1
R
R
R
V
V
TH
OVP
OVP
+
×
=
4
Operating Conditions
4.1
Under-Voltage Lockout
The under-voltage lockout (UVLO) monitors the ZLED7015’s internal regulator output voltage, VP, to ensure
correct operation of the internal circuitry. When the VP voltage is lower than the UVLO threshold VUVLO, the
ZLED7015 disables the internal power switch. If the VP voltage reaches a level higher than the UVLO threshold
plus UVLO hysteresis (VUVLO+VUVLO_HYS) the UVLO turns off and the internal power switch is re-enabled. See
parameters 1.3.14 and 1.3.15 in section 1.3 for the UVLO threshold and hysteresis.
4.2
Over-Voltage Threshold and Open-Circuit Protection
If the LED string becomes open or the FB pin is shorted to ground, the ZLED7015 would normally continually
boost the output voltage to potentially damaging levels. To prevent this, the ZLED7015 includes an integrated
over-voltage protection (OVP) mechanism. If the output voltage reaches the ZLED7015’s OVP threshold VOVP, the
protection circuitry is triggered and the device automatically turns off the internal switch, stopping the boost
function and protecting the device. Once the output voltage falls below the OVP threshold minus OVP threshold
hysteresis (VOVP_TH-VOVP_TH_HYS), the device will enter soft-start mode.
The OVP threshold VOVP for the ZLED7015 is selectable via the R1 and R2 resistor values determined by
equation (5):
(5)
Where
VOVP = Over-voltage protection threshold
VOVP_TH = Internal over-voltage threshold reference voltage (see Table 1.3, parameter 1.3.16)
Important: Care must be taken to select proper R1 and R2 values to ensure proper functioning of the ZLED7015.
See specification 1.3.16 in Table 1.3 for the over-voltage protection threshold voltage. Set VOVP 3V higher than
the normal operation output voltage.
Important: When setting VOVP, care must be taken to ensure VOUT cannot exceed 35V.
Minimize noise coupling on the OVP pin, which could interfere with proper protection, by connecting a 10nF
ceramic capacitor to GND from OVP (COVP).
4.3
Over-Temperature Protection
The ZLED7015 features on-chip over-temperature protection. If its internal temperature exceeds the over-
temperature protection (OTP) threshold, TOTP, due to high power dissipation and improper heat sinking, the
internal power switch is disabled. Once the internal temperature has fallen below the OTP threshold minus the
OTP threshold hysteresis (TOTP - TOTP_HYS), the ZLED7015 enters the soft-start mode (see section 2.1).
Refer to Table 1.1 for the maximum package power dissipation specifications for the ZLED7015’s MSOP-10
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com