Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ZLED7015 Datasheet HTML 10Page - Integrated Device Technology ZLED7015 Datasheet HTML 11Page - Integrated Device Technology ZLED7015 Datasheet HTML 12Page - Integrated Device Technology ZLED7015 Datasheet HTML 13Page - Integrated Device Technology ZLED7015 Datasheet HTML 14Page - Integrated Device Technology ZLED7015 Datasheet HTML 15Page - Integrated Device Technology ZLED7015 Datasheet HTML 16Page - Integrated Device Technology ZLED7015 Datasheet HTML 17Page - Integrated Device Technology ZLED7015 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
14
April 20, 2016
(
)
S
FB
DC
FB
OUT
R
R
V
V
R
V
I


−
×
−
=
4
3
EN
LX
AGND
ZLED7015
LED
String
VIN = 6 to 30 VDC
COUT
R1
L1
CIN
D1
FB
PGND
OVP
R2
RS
VP
VDD
C1
CVDD
CVP
C2
RVDD
REN
COVP
R4
R3
R5
C3
Microcontroller PMW Signal
5V
0V
The output current controlled by the DC voltage on FB can be calculated using equation (2):
(2)
Where
IOUT = Output current through the LED(s) with a DC control voltage
VFB = Internal feedback reference voltage (Table 1.3, parameter 1.3.7)
VDC = External DC control voltage
2.2.3
Dimming via PWM Control
An external pulse-width modulated (PWM) signal input can be used to control the LED output current by driving
the output current to a value below the nominal average value defined in section 2.2.1. A microcontroller can be
used to generate the PWM signal. See Figure 2.3 for an example circuit. The PWM signal is superimposed on the
feedback voltage from RS at the FB pin via the input filter R5/C3 and R4, which produces a DC voltage with a
ripple. This method of controlling dimming is similar to the external DC voltage control described in section 2.2.2.
The duty cycle of the PWM signal regulates the filtered DC voltage level, which inversely controls the LED output
current level. When the duty cycle is at 100%, the output current is at the minimum. With a 0% duty cycle, the
output current is at the maximum.
Recommendation: With a PWM signal of 0 to 5V, use an R3 value of 10k
Ω and a PWM frequency of >2kHz to
minimize the filtered PWM voltage ripple.
Note: It is important to ensure that the LED output voltage VOUT remains higher than the input voltage VIN in
dimming applications.
Figure 2.3
Example Circuit for Controlling Output Current via a PWM Control Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com