Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZLED7015 Datasheet HTML 14Page - Integrated Device Technology ZLED7015 Datasheet HTML 15Page - Integrated Device Technology ZLED7015 Datasheet HTML 16Page - Integrated Device Technology ZLED7015 Datasheet HTML 17Page - Integrated Device Technology ZLED7015 Datasheet HTML 18Page - Integrated Device Technology ZLED7015 Datasheet HTML 19Page - Integrated Device Technology ZLED7015 Datasheet HTML 20Page - Integrated Device Technology ZLED7015 Datasheet HTML 21Page - Integrated Device Technology ZLED7015 Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
21
April 20, 2016
7
Layout Requirements
Follow these layout guidelines to avoid circuit instability and EMI vulnerability, especially with high current or high
switching frequency applications.
Important: Route traces connecting the feedback network to the FB and OVP pin away from the L1 inductor, the
D1 Schottky diode, and the LX pin. These traces should be as short as possible. Shield the FB pin and feedback
network with a ground plane or trace to prevent noise coupling.
7.1
General Considerations and Ground Traces
Make the ground traces as wide and short as possible. To prevent a signal ground shift, keep traces for the signal
ground (pin 5) separate from traces for the power ground (pin 1). Connect the signal and power ground traces
together at either the large ground plane or the negative terminal of CIN.
Connect the grounds for other components to the signal ground.
Use wide traces for connection of the high current loop.
7.2
Layout Considerations for C1, CIN, C2 and COUT
Place C1, C2 and COUT as close as possible to the ZLED7015 to minimize ripple. The CIN input decoupling
capacitor must be placed as close as possible to the VDD pin to minimize power supply noise, which can reduce
efficiency.
7.3
Layout Considerations for the EN Pin
Important: Do not allow the EN pin to float. It must be terminated if it is not used.
7.4
Layout Considerations for the LX Pin, L1 External Coil, and D1 Diode
Minimize the length of circuit board traces connected to the LX pin because it is a fast switching output.
Place L1 and D1 as close as possible to the LX pin using traces that are as short and wide as possible. Avoid
routing other traces crossing or in parallel with this node to minimize the noise coupling into this circuit.
7.5
Layout Considerations for the External Current Sense Resistor (RS)
Any trace resistance in series with RS must be taken into consideration when selecting its value. For the most
accurate LED current control, use a trace that is as wide and short as possible for the RS connection to ground.
Connect it to the signal ground (pin 5), not the power ground (pin 1).
7.6
Layout Considerations for CVP and CVDD
For good filtering, connect CVP as close as possible to the VP pin and place CVDD as close as possible to the VDD
pin.
7.7
Layout Considerations for the Thermal Pad
To optimize heat dissipation, solder the thermal pad on the back of the MSOP-10 package to the large ground
plan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com