Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZLED7015 Datasheet HTML 2Page - Integrated Device Technology ZLED7015 Datasheet HTML 3Page - Integrated Device Technology ZLED7015 Datasheet HTML 4Page - Integrated Device Technology ZLED7015 Datasheet HTML 5Page - Integrated Device Technology ZLED7015 Datasheet HTML 6Page - Integrated Device Technology ZLED7015 Datasheet HTML 7Page - Integrated Device Technology ZLED7015 Datasheet HTML 8Page - Integrated Device Technology ZLED7015 Datasheet HTML 9Page - Integrated Device Technology ZLED7015 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
6
April 20, 2016
1.3
Electrical Parameters
Test conditions for the following specifications are Tamb = 25°C (typical) and VDD = 12V, unless otherwise noted.
Production testing of the ZLED7015 is performed at 25°C unless otherwise stated. Functional operation of the
ZLED7015 and specified parameters at other temperatures are guaranteed by design, characterization, and
process control.
Table 1.3
Electrical Parameters
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
Supply current
IDD
Continuous switching
2
mA
Quiescent: no switching
1.1
mA
1.3.2
Shutdown current
ISD
Shutdown: no switching;
VEN=0V
15
µA
1.3.3
LX switching frequency
fOCS
1
MHz
1.3.4
Maximum duty cycle
DLX
90
%
1.3.5
EN pin ON threshold voltage
VENon
Rising VEN
1.4
V
1.3.6
EN pin OFF threshold
voltage
VENoff
Falling VEN
0.4
V
1.3.7
Internal feedback reference
voltage
VFB
0.285
0.3
0.315
V
1.3.8
Integrated switch ON
resistance
RDSon
0.8
1.2
Ω
1.3.9
Integrated switch current
limit
ISWlimit
Duty cycle = 90%
1.8
2.1
2.4
A
1.3.10
Integrated switch leakage
current
ISWleak
VLX = 40V
1
µA
1.3.11
Internal regulator
VP
6V<VDD<30V, CVP
=10μF
4.5
5.0
5.5
V
1.3.12
Over-temperature protection
(OTP) threshold
TOTP
150
°C
1.3.13
OTP threshold hysteresis
TOTP_HYS
50
°C
1.3.14
Under-voltage lock-out
threshold (UVLO)
VUVLO
Falling VDD
2.9
V
1.3.15
UVLO hysteresis
VUVLO_HYS
100
mV
1.3.16
Internal over-voltage
threshold reference voltage
VOVP_TH
0.9
V
1.3.17
Over-voltage protection
threshold hysteresis
VOVP_TH_HYS
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com