Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZLED7015 Datasheet HTML 1Page - Integrated Device Technology ZLED7015 Datasheet HTML 2Page - Integrated Device Technology ZLED7015 Datasheet HTML 3Page - Integrated Device Technology ZLED7015 Datasheet HTML 4Page - Integrated Device Technology ZLED7015 Datasheet HTML 5Page - Integrated Device Technology ZLED7015 Datasheet HTML 6Page - Integrated Device Technology ZLED7015 Datasheet HTML 7Page - Integrated Device Technology ZLED7015 Datasheet HTML 8Page - Integrated Device Technology ZLED7015 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.0MHz Boost Converter
with Internal 35V Switch
ZLED7015
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
EN
LX
ZLED7015
LED
String
VIN = 6 to 30 VDC
COUT
R1
L1
CIN
D1
FB
PGND
AGND
OVP
R2
RS
VP
VDD
C1
CVDD
CVP
C2
RVDD
REN
COVP
VOUT
Brief Description
The ZLED7015, one of our ZLED family of LED
control ICs, is a constant current boost converter
with an internal high-power 35V switch. It is opti-
mal for driving multiple white LEDs connected in
series so that the LED current is uniform for better
brightness and color control. It can also drive
devices that require a constant voltage and is
capable
of
operating
efficiently
with
voltage
supplies ranging from 6VDC to 30VDC. It is ideal
for diverse lighting applications requiring low sup-
ply voltages such as SELV applications. Typically,
smaller, less expensive external components can
be used since the ZLED7015 switches at 1 .0MHz
(typical).
The ZLED7015 output current is adjustable via an
external current sense resistor RS connected from
the FB pin to ground.
The ZLED7015 improves efficiency and minimizes
power losses in the current setting resistor RS by
use of an internal 0.3V feedback reference vol-
tage.
Dimming can be controlled using a pulse-width
modulation (PWM) waveform or a DC voltage
applied to the FB pin.
The ZLED7015 provides a “soft-start” function to
prevent excessive in-rush current on start-up and
ensures a controlled rise of the output voltage.
Over-voltage protection is adjustable via external
resistors R1 and R2.
ZLED7015 Typical Application Circuit
Features
• Integrated 35V power switch
• Wide input range: 6VDC to 30VDC
• Over-temperature protection
• Over-voltage (open LED string) protection adjusted
via external resistor divider
• Under-voltage lockout ensures reliable circuit
operation
• Control of output current during start-up via internal
“soft-start”
• Switching frequency: 1.0MHz
• Single pin on/off or brightness control via PWM,
microcontroller, or DC voltage control signal input
• MSOP-10 package
Benefits
• High efficiency: up to 95% efficiency
• Few small, low-profile components needed for
operation
• Small form-factor package
Available Support
• Evaluation Kit
Physical Characteristics
• Operating temperature: -40°C to 85°C
• RoHS-compliant


Similar Part No. - ZLED7015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
logo
List of Unclassifed Man...
ZLED7015-ZI1R ETC2-ZLED7015-ZI1R Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
ZLED7015KIT-E1 ETC2-ZLED7015KIT-E1 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015KIT-E1 RENESAS-ZLED7015KIT-E1 Datasheet
696Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results

Similar Description - ZLED7015

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31LT3505 ISSI-IS31LT3505 Datasheet
475Kb / 12P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL NMOS
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3508A ISSI-IS31BL3508A Datasheet
494Kb / 13P
1.0MHZ BOOST CONVERTER WITH 38V INTERNAL MOSFET SWITCH
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B-STLS2-TR ISSI-IS31BL3506B-STLS2-TR Datasheet
440Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Lowpower Semiconductor ...
LP6230C POWER-LP6230C Datasheet
982Kb / 7P
1.0MHz,24V/2.0A High Performance, Boost Converter
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com