Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZLED7015 Datasheet HTML 3Page - Integrated Device Technology ZLED7015 Datasheet HTML 4Page - Integrated Device Technology ZLED7015 Datasheet HTML 5Page - Integrated Device Technology ZLED7015 Datasheet HTML 6Page - Integrated Device Technology ZLED7015 Datasheet HTML 7Page - Integrated Device Technology ZLED7015 Datasheet HTML 8Page - Integrated Device Technology ZLED7015 Datasheet HTML 9Page - Integrated Device Technology ZLED7015 Datasheet HTML 10Page - Integrated Device Technology ZLED7015 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
7
April 20, 2016
1.4
Typical Operating Characteristics
The curves are valid for the typical application circuit and Tamb = 25°C unless otherwise noted.
Figure 1.1
IOUT vs. VIN with RS = 0.42
Ω
Figure 1.2
IOUT vs. VIN with RS = 0.88
Ω
Figure 1.3
IOUT vs. VOUT with RS = 0.42
Ω
Figure 1.4
IOUT vs. VOUT with RS = 0.88
Ω
330
335
340
345
350
355
360
12
15
18
21
24
27
30
VIN=12V,RS=0.88Ω,L1=10µH
VOUT (V)
670
680
690
700
710
720
730
25
26
27
28
29
30
VIN=24V,RS=0.42Ω,L1=10µH
VOUT (V)
330
335
340
345
350
355
360
10
15
20
25
30
VIN (V)
VOUT=30V,RS=0.88Ω,L1=10µH
670
680
690
700
710
720
730
18
20
22
24
26
28
VIN (V)
VOUT=30V,RS=0.42Ω,L1=10µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com