Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM77 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM77 Datasheet HTML 1Page - National Semiconductor (TI) LM77 Datasheet HTML 2Page - National Semiconductor (TI) LM77 Datasheet HTML 3Page - National Semiconductor (TI) LM77 Datasheet HTML 4Page - National Semiconductor (TI) LM77 Datasheet HTML 5Page - National Semiconductor (TI) LM77 Datasheet HTML 6Page - National Semiconductor (TI) LM77 Datasheet HTML 7Page - National Semiconductor (TI) LM77 Datasheet HTML 8Page - National Semiconductor (TI) LM77 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Logic Electrical Characteristics (Continued)
DIGITAL DC CHARACTERISTICS Unless otherwise noted, these specifications apply for +V
S=+5 Vdc ±10% for LM77CIM-5,
LM77CIMM-5 and +V
S=+3.3 Vdc ±10% for LM77CIM-3, LM77CIMM-3. Boldface limits apply for TA =TJ =TMIN to TMAX; all
other limits T
A=TJ=+25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limit)
I
OH
High Level Output Current
V
OH =+ VS
10
µA (max)
V
OL
Low Level Output Voltage
I
OL =3 mA
0.4
V (max)
T_CRIT_A Output Saturation
Voltage
I
OUT = 4.0 mA
(Note 12)
0.8
V (max)
T_CRIT_A Delay
1
Conversions
(max)
t
OF
Output Fall Time
C
L = 400 pF
250
ns (max)
I
O =3 mA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com