Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM77 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM77 Datasheet HTML 1Page - National Semiconductor (TI) LM77 Datasheet HTML 2Page - National Semiconductor (TI) LM77 Datasheet HTML 3Page - National Semiconductor (TI) LM77 Datasheet HTML 4Page - National Semiconductor (TI) LM77 Datasheet HTML 5Page - National Semiconductor (TI) LM77 Datasheet HTML 6Page - National Semiconductor (TI) LM77 Datasheet HTML 7Page - National Semiconductor (TI) LM77 Datasheet HTML 8Page - National Semiconductor (TI) LM77 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM77
9-Bit + Sign Digital Temperature Sensor and Thermal
Window Comparator with Two-Wire Interface
General Description
The LM77 is a digital temperature sensor and thermal win-
dow comparator with an I
2C™ Serial Bus interface. The
window-comparator architecture of the LM77 eases the de-
sign of temperature control systems conforming to the ACPI
(Advanced Configuration and Power Interface) specification
for personal computers. The open-drain Interrupt (INT) out-
put becomes active whenever temperature goes outside a
programmable window, while a separate Critical Tempera-
ture Alarm (T_CRIT_A) output becomes active when the
temperature exceeds a programmable critical limit. The INT
output can operate in either a comparator or event mode,
while the T_CRIT_A output operates in comparator mode
only.
The host can program both the upper and lower limits of the
window as well as the critical temperature limit. Program-
mable hysterisis as well as a fault queue are available to
minimize false tripping. Two pins (A0, A1) are available for
address selection. The sensor powers up with default thresh-
olds of 2˚C T
HYST,
10˚C T
LOW,
64˚C T
HIGH,
and 80˚C
T_CRIT.
The LM77’s 3.0V to 5.5V supply voltage range, Serial Bus
interface, 9-bit + sign output, and full-scale range of over
128˚C make it ideal for a wide range of applications. These
include thermal management and protection applications in
personal computers, electronic test equipment, office elec-
tronics, automotive, and HVAC applications.
Features
n
Window comparison simplifies design of ACPI
compatible temperature monitoring and control.
n
Serial Bus interface
n
Separate open-drain outputs for Interrupt and Critical
Temperature shutdown
n
Shutdown mode to minimize power consumption
n
Up to 4 LM77s can be connected to a single bus
n
9-bit + sign output; full-scale reading of over 128˚C
n
SOP and MSOP 8-lead packages
Key Specifications
j Supply Voltage
3.0V to 5.5V
j Supply Current
operating
250 µA (typ)
500 µA (max)
shutdown
5 µA (typ)
j Temperature
Accuracy
−10˚C to 65˚C
±1.5˚C(max)
−25˚C to 100˚C
±2˚C(max)
−55˚C to 125˚C
±3˚C(max)
Applications
n
System Thermal Management
n
Personal Computers
n
Office Electronics
n
Electronic Test Equipment
n
Automotive
n
HVAC
I2C® is a registered trademark of Philips Corporation.
July 2001
© 2001 National Semiconductor Corporation
DS100136
www.national.com


Similar Part No. - LM77

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM77 TI1-LM77 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM77 TI1-LM77 Datasheet
1Mb / 24P
9-Bit Sign Digital Temperature Sensor
LM77 TI2-LM77 Datasheet
1Mb / 28P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
REVISED MARCH 2013
logo
National Semiconductor ...
LM77000 NSC-LM77000 Datasheet
207Kb / 14P
Power Operational Amplifiers
More results

Similar Description - LM77

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM76 TI-LM76_15 Datasheet
1Mb / 22P
Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com