Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM77 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM77 Datasheet HTML 1Page - National Semiconductor (TI) LM77 Datasheet HTML 2Page - National Semiconductor (TI) LM77 Datasheet HTML 3Page - National Semiconductor (TI) LM77 Datasheet HTML 4Page - National Semiconductor (TI) LM77 Datasheet HTML 5Page - National Semiconductor (TI) LM77 Datasheet HTML 6Page - National Semiconductor (TI) LM77 Datasheet HTML 7Page - National Semiconductor (TI) LM77 Datasheet HTML 8Page - National Semiconductor (TI) LM77 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Simplified Block Diagram
Connection Diagram
Ordering Information
Order Number
Supply Voltage
Package
Supplied In
LM77CIM-3
3.3V
SOP8, M08A
Rail
LM77CIMX-3
3.3V
SOP8, M08A
2500 Units on Tape and Reel
LM77CIM-5
5V
SOP8, M08A
Rail
LM77CIMX-5
5V
SOP8, M08A
2500 Units on Tape and Reel
LM77CIMM-3
3.3V
MSOP8,
MUA08A
Rail
LM77CIMMX-3
3.3V
MSOP8,
MUA08A
3500 Units on Tape and Reel
LM77CIMM-5
5V
MSOP8,
MUA08A
Rail
LM77CIMMX-5
5V
MSOP8,
MUA08A
3500 Units on Tape and Reel
Pin Description
Label
Pin #
Function
Typical Connection
SDA
1
Serial Bi-Directional Data Line. Open Drain Output
From Controller
SCL
2
Serial Bus Clock Input
From Controller
T_CRIT_A
3
Critical Temperature Alarm Open Drain Output
Pull Up Resistor, Controller Interrupt Line
or System Hardware Shutdown
GND
4
Power Supply Ground
Ground
INT
5
Interrupt Open Drain Output
Pull Up Resistor, Controller Interrupt Line
+V
S
8
Positive Supply Voltage Input
DC Voltage from 3V to 5.5V
A0–A1
7,6
User-Set Address Inputs
Ground (Low, “0”) or +V
S (High, “1”)
DS100136-1
SOP8 or MSOP
DS100136-2
LM77 See NS Package Number M08A or MM08A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com