Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM77 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM77 Datasheet HTML 4Page - National Semiconductor (TI) LM77 Datasheet HTML 5Page - National Semiconductor (TI) LM77 Datasheet HTML 6Page - National Semiconductor (TI) LM77 Datasheet HTML 7Page - National Semiconductor (TI) LM77 Datasheet HTML 8Page - National Semiconductor (TI) LM77 Datasheet HTML 9Page - National Semiconductor (TI) LM77 Datasheet HTML 10Page - National Semiconductor (TI) LM77 Datasheet HTML 11Page - National Semiconductor (TI) LM77 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1.0 Functional Description (Continued)
terrupts just after reprogramming setpoints. Typically, sys-
tem Interrupt inputs are masked prior to reprogramming trip
points. By doing a read just after resetting trip points, but
prior to unmasking, unexpected Interrupts are prevented.
Avoid programming setpoints so close that their hysteresis
values overlap. An example would be that with a T
HYST value
of 2˚C then setting T
HIGH and TLOW to within 4˚C of each
other will violate this restriction. To be more specific, with
T
HYST
set to 2˚C assume T
HIGH set to 64˚C. If TLOW is set
equal to, or higher than 60˚C this restriction is violated.
1.2 DEFAULT SETTINGS
The LM77 always powers up in a known state. LM77 power
up default conditions are:
1.
Comparator Interrupt Mode
2.
T
LOW set to 10˚C
3.
T
HIGH set to 64˚C
4.
T_CRIT set to 80˚C
5.
T
HYST set to 2˚C
6.
INT and T_CRIT_A active low
7.
Pointer set to “00”; Temperature Register
The LM77 registers will always reset to these default values
when the power supply voltage is brought up from zero volts
as the supply crosses the voltage level plotted in the follow-
ing curve. The LM77 registers will reset again when the
power supply drops below the voltage plotted in this curve.
1.3 SERIAL BUS INTERFACE
The LM77 operates as a slave on the Serial Bus, so the SCL
line is an input (no clock is generated by the LM77) and the
SDA line is a bi-directional serial data line. According to
Serial Bus specifications, the LM77 has a 7-bit slave ad-
dress. The five most significant bits of the slave address are
hard wired inside the LM77 and are “10010”. The two least
significant bits of the address are assigned to pins A1–A0,
and are set by connecting these pins to ground for a low, (0);
or to +V
S for a high, (1).
Therefore, the complete slave address is:
10010
A1
A0
MSB
LSB
Average Power on Reset Voltage
vs Temperature
DS100136-18
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com