Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM77 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM77 Datasheet HTML 7Page - National Semiconductor (TI) LM77 Datasheet HTML 8Page - National Semiconductor (TI) LM77 Datasheet HTML 9Page - National Semiconductor (TI) LM77 Datasheet HTML 10Page - National Semiconductor (TI) LM77 Datasheet HTML 11Page - National Semiconductor (TI) LM77 Datasheet HTML 12Page - National Semiconductor (TI) LM77 Datasheet HTML 13Page - National Semiconductor (TI) LM77 Datasheet HTML 14Page - National Semiconductor (TI) LM77 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
1.0 Functional Description (Continued)
1.9 POINTER REGISTER
(Selects which registers will be read from or written to):
P7
P6
P5
P4
P3
P2
P1
P0
00000
Register Select
P0–P2: Register Select:
P2
P1
P0
Register
0
0
0
Temperature (Read only) (Power-up
default)
0
0
1
Configuration (Read/Write)
010
T
HYST (Read/Write)
0
1
1
T_CRIT (Read/Write)
100
T
LOW (Read/Write)
101
T
HIGH (Read/Write)
P3–P7: Must be kept zero.
1.10 TEMPERATURE REGISTER
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign
Sign
Sign
Sign
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CRIT
HIGH
LOW
Status Bits
D0–D2: Status Bits
D3–D15: Temperature Data. One LSB = 0.5˚C. Two’s complement format.
1.11 CONFIGURATION REGISTER
(Read/Write):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
Fault Queue
INT Polarity
T_CRIT_A
Polarity
INT Mode
Shutdown
D0: Shutdown - When set to 1 the LM77 goes to low power shutdown mode. Power up default of “0”.
D1: Interrupt mode-0is Comparator Interrupt mode, 1 is Event Interrupt mode. Power up default of “0”.
D2, D3: T_CRIT_A and INT Polarity-0is active low, 1 is active high. Outputs are open-drain. Power up default of “0”
D4: Fault Queue - When set to 1 the Fault Queu is enabled,
see
Section 1.7. Power up default of “0”.
D5–D7: These bits are used for production testing and must be kept zero for normal operation.
1.12 T
HYST,TLOW,THIGH AND T_CRIT_A REGISTERS
(Read/Write):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign
Sign
Sign
Sign
MSB
Bit7
Bit6
Bit5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
D0–D2: Undefined
D3–D15: T
HYST,TLOW,THIGH or T_CRIT Trip Temperature Data. Power up default is TLOW = 10˚C, THIGH = 64˚C, T_CRIT = 80˚C,
T
HYST = 2˚C.
T
HYST is subtracted from THIGH, and T_CRIT, and added to TLOW.
Avoid programming setpoints so close that their hysteresis values overlap. See
Section 1.1.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com