Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM77 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM77 Datasheet HTML 5Page - National Semiconductor (TI) LM77 Datasheet HTML 6Page - National Semiconductor (TI) LM77 Datasheet HTML 7Page - National Semiconductor (TI) LM77 Datasheet HTML 8Page - National Semiconductor (TI) LM77 Datasheet HTML 9Page - National Semiconductor (TI) LM77 Datasheet HTML 10Page - National Semiconductor (TI) LM77 Datasheet HTML 11Page - National Semiconductor (TI) LM77 Datasheet HTML 12Page - National Semiconductor (TI) LM77 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1.0 Functional Description (Continued)
1.4 TEMPERATURE DATA FORMAT
Temperature data can be read from the Temperature and Set
Point registers; and written to the Set Point registers. Tem-
perature data can be read at any time, although reading
faster than the conversion time of the LM77 will prevent data
from being updated. Temperature data is represented by a
10-bit, two’s complement word with an LSB (Least Signifi-
cant Bit) equal to 0.5˚C:
Temperature
Digital Output
Binary
Hex
+130˚C
01 0000 0100
104h
+125˚C
00 1111 1010
0FAh
+25˚C
00 0011 0010
032h
+0.5˚C
00 0000 0001
001h
0˚C
00 0000 0000
000h
−0.5˚C
11 1111 1111
3FFh
−25˚C
11 1100 1110
3CEh
−55˚C
11 1001 0010
392h
1.5 SHUTDOWN MODE
Shutdown mode is enabled by setting the shutdown bit in the
Configuration register via the Serial Bus. Shutdown mode
reduces power supply current to 5 µA typical. T_CRIT_A is
reset if previously set. Since conversions are stoped during
shutdown, T_CRIT_A and INT will not be operational. The
Serial Bus interface remains active. Activity on the clock and
data lines of the Serial Bus may slightly increase shutdown
mode quiescent current. Registers can be read from and
written to in shutdown mode. The LM77 takes miliseconds to
respond to the shutdown command.
1.6 INT AND T_CRIT_A OUTPUT
The INT and T_CRIT_A outputs are open-drain outputs and
do not have internal pull-ups. A
″high″ level will not be
observed on these pins until pull-up current is provided from
some external source, typically a pull-up resistor. Choice of
resistor value depends on many system factors but, in gen-
eral, the pull-up resistor should be as large as possible. This
will minimize any errors due to internal heating of the LM77.
The maximum resistance of the pull up, based on LM77
specification for High Level Output Current, to provide a 2
volt high level, is 30K ohms.
1.7 FAULT QUEUE
A fault queue of up to 4 faults is provided to prevent false
tripping when the LM77 is used in noisy environments. The 4
faults must occur consecutively to set flags as well as INT
and T_CRIT_A outputs. The fault queue is enabled by set-
ting bit 4 of the Configuration Register high (see Section
1.11).
DS100136-6
Note: Event Interrupt mode is drawn as if the user is reading the part. If the user doesn’t read, the outputs would go low and stay that way until the LM77 is read.
FIGURE 3. Temperature Response Diagram
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com