Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 8Page - National Semiconductor (TI) LM78 Datasheet HTML 9Page - National Semiconductor (TI) LM78 Datasheet HTML 10Page - National Semiconductor (TI) LM78 Datasheet HTML 11Page - National Semiconductor (TI) LM78 Datasheet HTML 12Page - National Semiconductor (TI) LM78 Datasheet HTML 13Page - National Semiconductor (TI) LM78 Datasheet HTML 14Page - National Semiconductor (TI) LM78 Datasheet HTML 15Page - National Semiconductor (TI) LM78 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Functional Description (Continued)
2.0 INTERFACE
The LM78 only decodes the three lowest address bits on the
ISA bus. Referring to the ISA bus timing diagrams in
Figure
1 and Figure 2, the Chip Select Input, CS, should be taken
low by external address decoder circuitry to access the
LM78. The LM78 decodes the following base addresses:
-Port x0h: Power On Self Test codes from ISA bus.
-Port x4h: Power On Self Test codes from ISA bus.
-Port x5h: The LM78s Internal Address Register
-Port x6h: Data Register
IORD is the standard ISA bus signal that indicates to the
LM78 that it may drive data on to the ISA data bus.
IOWR is the standard ISA command to the LM78 that it may
latch data from the ISA bus.
SYSCLK is the standard ISA SYSCLK, typically 8.33 MHz.
This clock is used only for timing of the ISA interface of the
LM78. All other clock functions within LM78 such as the ADC
and fan counters are done with a separate asynchronous
internal clock.
A typical application designed to utilize the POST RAM
would decode the LM78 to the address space starting at
80h, which is where POST codes are output to. Otherwise,
the LM78 can be decoded into a different desired address
space.
To communicate with an LM78 Register, first write the ad-
dress of that Register to Port x5h. Read or write data from or
to that register via Port x6h. A write will take IOWR low, while
a read will take IORD low.
If the Serial Bus Interface and ISA bus interface are used
simultaneously there is the possibility of collision. To prevent
this from occurring in applications where both interfaces are
used, read port x5h and if the Most Significant Bit, D7, is
high, ISA communication is limited to reading port x5h only
until this bit is low. A Serial Bus communication occurring
while ISA is active will not be a problem, since even a single
bit of Serial Bus communication requires 10 microseconds,
in comparison to less than a microsecond for an entire ISA
communication.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com