Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 14Page - National Semiconductor (TI) LM78 Datasheet HTML 15Page - National Semiconductor (TI) LM78 Datasheet HTML 16Page - National Semiconductor (TI) LM78 Datasheet HTML 17Page - National Semiconductor (TI) LM78 Datasheet HTML 18Page - National Semiconductor (TI) LM78 Datasheet HTML 19Page - National Semiconductor (TI) LM78 Datasheet HTML 20Page - National Semiconductor (TI) LM78 Datasheet HTML 21Page - National Semiconductor (TI) LM78 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Functional Description (Continued)
Voltage Measurements (V
S)
R1orR
IN
R2 or R
F
Voltage at Analog Inputs
+2.50V
0
NONE
+2.50V
+3.30V
0
NONE
+3.30V
+5V
6.8 k
Ω
10 k
Ω
+2.98V
+12V
30 k
Ω
10 k
Ω
+3.00V
−12V
240 k
Ω
60 k
Ω
+3.00V
−5V
100 k
Ω
60 k
Ω
+3.00V
DS012873-13
FIGURE 8. Input Examples. Resistor Values Shown Provide Approximately 3V at the Analog Inputs
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com