Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 15Page - National Semiconductor (TI) LM78 Datasheet HTML 16Page - National Semiconductor (TI) LM78 Datasheet HTML 17Page - National Semiconductor (TI) LM78 Datasheet HTML 18Page - National Semiconductor (TI) LM78 Datasheet HTML 19Page - National Semiconductor (TI) LM78 Datasheet HTML 20Page - National Semiconductor (TI) LM78 Datasheet HTML 21Page - National Semiconductor (TI) LM78 Datasheet HTML 22Page - National Semiconductor (TI) LM78 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Functional Description (Continued)
Counts are based on 2 pulses per revolution tachometer outputs.
RPM
Time per Revolution
Counts for “Divide by 2”
Comments
(Default) in Decimal
4400
13.64 ms
153 counts
Typical RPM
3080
19.48 ms
219 counts
70% RPM
2640
22.73 ms
255 counts
60% RPM
(maximum counts)
Mode Select
Nominal
RPM
Time per Revolution
Counts for the
70%
RPM
Time per Revolution
Given Speed in Decimal
for 70% RPM
Divide by 1
8800
6.82 ms
153
6160
9.74 ms
Divide by 2
4400
13.64 ms
153
3080
19.48 ms
Divide by 4
2200
27.27 ms
153
1540
38.96 ms
Divide by 8
1100
54.54 ms
153
770
77.92 ms
DS012873-14
(a) Fan with Tach Pull-Up to +5V
DS012873-15
(b) Fan with Tach Pull-Up to +12V, or Totem-Pole
Output and Resistor Attenuator
DS012873-16
(c) Fan with Tach Pull-Up to +12V and Diode Clamp
DS012873-17
(d) Fan with Strong Tach Pull-Up or Totem Pole Output
and Diode Clamp
FIGURE 9. Alternatives for Fan Inputs
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com