Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 13Page - National Semiconductor (TI) LM78 Datasheet HTML 14Page - National Semiconductor (TI) LM78 Datasheet HTML 15Page - National Semiconductor (TI) LM78 Datasheet HTML 16Page - National Semiconductor (TI) LM78 Datasheet HTML 17Page - National Semiconductor (TI) LM78 Datasheet HTML 18Page - National Semiconductor (TI) LM78 Datasheet HTML 19Page - National Semiconductor (TI) LM78 Datasheet HTML 20Page - National Semiconductor (TI) LM78 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Functional Description (Continued)
A typical application, such as is shown in
Figure 8, might
select the input voltage divider to provide 3V at the analog
inputs of the LM78. This is sufficiently high for good resolu-
tion of the voltage, yet leaves headroom for upward excur-
sions from the supply of about 25%. To simplify the process
of resistor selection, set the value of R2 first. Select a value
for R2 between 10 k
Ω and 100 kΩ. This is low enough to
avoid errors due to input leakage currents yet high enough to
both protect the inputs under overdrive conditions as well as
minimize loading of the source. Then select R1 to provide a
3V input according to:
The negative inputs provide inverting op amps with
non-inverting inputs connected to ground. The output of
these op amps are designed to only drive the input of the
LM78 and their associated feedback loops. Avoid heavy
loading, long lines, and capacitive loading with these op
amps. Additional loading may cause oscillations and thus
erroneous readings. The optimum feedback resistor (resistor
from Feedback to -IN pin) value is approximately 60 k
Ω,
based on the op amp nominal output current rating of 50 µA
at an output voltage of 3V. Locate the feedback resistors as
close as possible to the LM78. The recommended range for
R
IN is from 30 kΩ to 300 kΩ.
Select R
IN according to:
The analog inputs have internal diodes that clamp inputs
exceeding the power supply and ground. Exceeding any
analog input has no detrimental effect on other channels.
The input diodes will also clamp voltages appearing at the
inputs of an un-powered LM78. External resistors should be
included to limit input currents to the values given in the
ABSOLUTE MAXIMUM RATINGS for Input Current At Any
Pin. Inputs with the attenuator networks will usually meet
these requirements. If it is possible for inputs without attenu-
ators (such as the 2.5V or 3.3V supplies) to be turned on
while LM78 is powered off, additional resistors of about 10
k
Ω should be added in series with the inputs to limit the input
current.
5.0 LAYOUT AND GROUNDING
Analog inputs will provide best accuracy when referred to the
AGND pin. A separate, low-impedance ground plane for
analog ground, which provides a ground point for the voltage
dividers and analog components, will provide best perfor-
mance but is not mandatory. Analog components such as
voltage dividers and feedback resistors should be located
physically as close as possible to the LM78.
The power supply bypass, the parallel combination of 10 µF
(electrolytic or tantalum) and 0.1 µF (ceramic) bypass ca-
pacitors connected between pin 12 and ground, should also
be located as close as possible to the LM78.
6.0 FAN INPUTS
Inputs are provided for signals from fans equipped with
tachometer outputs. These are logic-level inputs with an
approximate threshold of 1.4V. Signal conditioning in the
LM78 accommodates the slow rise and fall times typical of
fan tachometer outputs. The maximum input signal range is
0toV
CC. In the event these inputs are supplied from fan
outputs which exceed 0 to V
CC, either resistive division or
diode clamping must be included to keep inputs within an
acceptable range, as shown in
Figure 9. R2 is selected so
that it does not develop excessive voltage due to input
leakage. R1 is selected based on R2 to provide a minimum
input of 2V and a maximum of V
CC. R1 should be as low as
possible to provide the maximum possible input up to V
CC for
best noise immunity. Alternatively, use a shunt reference or
zener diode to clamp the input level.
If fans can be powered while the power to the LM78 is off,
the LM78 inputs will provide diode clamping. Limit input
current to the Input Current at Any Pin specification shown in
the ABSOLUTE MAXIMUM RATINGS section. In most
cases, open collector outputs with pull-up resistors inher-
ently limit this current. If this maximum current could be
exceeded, either a larger pull up resistor should be used or
resistors connected in series with the fan inputs.
The Fan Inputs gate an internal 22.5 kHz oscillator for one
period of the Fan signal into an 8-bit counter (maximum
count = 255). The default divisor, located in the VID/Fan
Divisor Register, is set to 2 (choices are 1, 2, 4, and 8)
providing a nominal count of 153 for a 4400 rpm fan with two
pulses per revolution. Typical practice is to consider 70% of
normal RPM a fan failure, at which point the count will be
219.
Determine the fan count according to:
Note that Fan 1 and Fan 2 Divisors are programmable via
the VID/Fan Divisor Register. Fan 3 is not adjustable, and its
Divisor is always set to 2.
Fans that provide only one pulse per revolution would re-
quire a divisor set twice as high as fans that provide two
pulses, thus maintaining a nominal fan count of 153. There-
fore, the divisor should be set to 4 for a fan that provides 1
pulse per revolution with a nominal RPM of 4400.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com