Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM78 Datasheet HTML 1Page - National Semiconductor (TI) LM78 Datasheet HTML 2Page - National Semiconductor (TI) LM78 Datasheet HTML 3Page - National Semiconductor (TI) LM78 Datasheet HTML 4Page - National Semiconductor (TI) LM78 Datasheet HTML 5Page - National Semiconductor (TI) LM78 Datasheet HTML 6Page - National Semiconductor (TI) LM78 Datasheet HTML 7Page - National Semiconductor (TI) LM78 Datasheet HTML 8Page - National Semiconductor (TI) LM78 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM78
Microprocessor System Hardware Monitor
General Description
The LM78 is a highly integrated Data Acquisition system for
hardware monitoring of servers, Personal Computers, or
virtually any microprocessor based system. In a PC, the
LM78 can be used to monitor power supply voltages, tem-
peratures, and fan speeds. Actual values for these inputs
can be read at any time, and programmable WATCHDOG
limits in the LM78 activate a fully programmable and
maskable interrupt system with two outputs.
The LM78 has an on-chip temperature sensor, 5 positive
analog inputs, two inverting inputs (for monitoring negative
voltages), and an 8-bit ADC. An input is provided for the
overtemperature outputs of additional temperature sensors
and this is linked to the interrupt system. The LM78 provides
inputs for three fan tachometer outputs. Additional inputs are
provided for Chassis Intrusion detection circuits, VID monitor
inputs, and chainable interrupt. The LM78 provides both ISA
and Serial Bus interfaces. A 32-byte auto-increment RAM is
provided for POST (Power On Self Test) code storage.
Applications
n
System Hardware Monitoring for Servers and PCs
n
Office Electronics
n
Electronic Test Equipment and Instrumentation
Features
n
Temperature sensing
n
5 positive voltage inputs
n
2 op amps for negative voltage monitoring
n
3 fan speed monitoring inputs
n
Input for additional temperature sensors
n
Chassis Intrusion Detector input
n
WATCHDOG comparison of all monitored values
n
POST code storage RAM
n
ISA and I
2C™ Serial Bus interfaces
Key Specifications
j Voltage monitoring
accuracy
±1% (max)
j Temperature Accuracy
−10˚C to +100˚C
±3˚C (max)
j Supply Voltage
5V
j Supply Current
Operating:
1 mA typ
Shutdown:
10 µA typ
j ADC Resolution
8 Bits
Typical Application
I2C® is a registered trademark of the Phillips Corporation.
DS012873-1
# indicates Active Low (”Not“)
February 2000
© 2001 National Semiconductor Corporation
DS012873
www.national.com


Similar Part No. - LM78

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
1A Positive Voltage Regulator
logo
Texas Instruments
LM78 TI-LM78 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
First Components Intern...
LM7800 FCI-LM7800 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
logo
National Semiconductor ...
LM7800 NSC-LM7800 Datasheet
303Kb / 10P
3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM7800 TI2-LM7800 Datasheet
2Mb / 37P
LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
REVISED SEPTEMBER 2016
More results

Similar Description - LM78

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
logo
National Semiconductor ...
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com