Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 16Page - National Semiconductor (TI) LM78 Datasheet HTML 17Page - National Semiconductor (TI) LM78 Datasheet HTML 18Page - National Semiconductor (TI) LM78 Datasheet HTML 19Page - National Semiconductor (TI) LM78 Datasheet HTML 20Page - National Semiconductor (TI) LM78 Datasheet HTML 21Page - National Semiconductor (TI) LM78 Datasheet HTML 22Page - National Semiconductor (TI) LM78 Datasheet HTML 23Page - National Semiconductor (TI) LM78 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Functional Description (Continued)
7.0 TEMPERATURE MEASUREMENT SYSTEM
The LM78 bandgap type temperature sensor and ADC per-
form 8-bit two’s-complement conversions of the tempera-
ture. A digital comparator is also incorporated that compares
the readings to the user-programmable Overtemperature
setpoint and Hysteresis values.
7.1 Temperature Data Format
Temperature data can be read from the Temperature, T
OI Set
Point, and T
HYST Set Point registers; and written to the TOI
Set Point, and T
HYST Set Point registers. Temperature data
is represented by an 8-bit, two’s complement word with an
LSB (Least Significant Bit) equal to 1.0˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1101
7Dh
+25˚C
0001 1001
19h
+1.0˚C
0000 0001
01h
+0˚C
0000 0000
00h
−1.0˚C
1111 1111
FFh
−25˚C
1110 0111
E7h
−55˚C
1100 1001
C9h
7.2 Temperature Interrupts
The normal mode for temperature interrupts in the LM78 is
an “Interrupt”mode operating in the following way: Exceeding
T
OI causes an interrupt that will remain active indefinitely
until reset by reading Interrupt Status Register 1. Once an
interrupt event has occurred by crossing T
OI, then reset, an
interrupt will only occur again by the temperature going
below T
HYST. Again, it will remain active indefinitely until
being reset by reading Interrupt Status Register 1.
A “Comparator” mode for temperature interrupts can be
made available by setting the T
HYST limit to 127˚C. This
results in a simple “thermostat” type of function where an
interrupt will be set whenever the temperature exceeds the
T
OI limit. Reading Interrupt Status Register 1 will clear the
interrupt as usual, but the interrupt will set again after the
completion of another measurement cycle. It will remain set
until the temperature goes below the T
OI limit (allow up to
two measurement cycles for clearing after descending below
T
OI while in Comparator mode).
DS012873-18
FIGURE 10. Temperature-to-Digital Transfer Function
(Non-Linear Scale for Clarity)
DS012873-19
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
(a) Interrupt Mode
DS012873-20
Interrupt resets occur when Interrupt Status Register 1 is read but will set
again when monitoring cycle continues (as long as temperature exceeds
TOI). When temperature descends below TOI allow up to two monitoring
loops before the Temperature Interrupt resets.
(b) Comparator Mode
FIGURE 11. Temperature Interrupt Response Diagram
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com