Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8737
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8737 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
WM8737L
Preliminary Technical Data
w
AI Rev 3.0 May 2004
16
The user can also adjust the microphone preamplifier bias settings to optimise THD+N versus supply
current consumption for their application. Default is full bias for best THD+N performance, but the
user can reduce the bias to 75%, 50% or 25% of default by programming MBCTRL[1:0] in register
R9.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
RBYPEN
1
Right channel bypass enable
0: Bypass switch is always open.
RINPUT1/2/3 high-impedance biased to
AVDD/2. RPGA input is RACIN pin.
1: Close bypass switch when right mic
preamp is disabled.
2
LBYPEN
1
Left channel bypass enable
0: Bypass switch is always open.
LINPUT1/2/3 high-impedance biased to
AVDD/2. LPGA input is LACIN pin.
1: Close bypass switch when left mic
preamp is disabled.
R9 (09h)
Microphone
Preamplifiers
Control
1:0
MBCTRL[1:0]
11
Bias control for left and right
microphone preamplifiers
00: bias 25%
01: bias 50%
10: bias 75%
11: nominal (100%) bias
Table 4 Microphone Preamplifier Control
MONO-MIXING
The WM8737L can operate as a stereo or mono device, or the two channels can be mixed to mono
in either the analogue domain (before the ADC) or in the digital domain (after the ADC). In all mono
and mono-mix modes unused circuitry can be switched off to save power (see “Power Management”
section). 3D stereo enhancement (See “3D Stereo Enhancement” section) is automatically disabled
in all mono and mono-mix modes.
In analogue mono-mix mode, the signals are mixed in the Left ADC and the Right ADC automatically
switches to dc measurement mode on pin RINPUT1. If dc measurement mode is not required then
the Right ADC can be powered down by setting bit 2 (ADCR) in the power management register R6.
Note that the high pass filter must be disabled if d.c. measurements are required.
In stereo and mono modes the Left/Right ADC data appear at the corresponding Left/Right Channel
outputs. In digital mono-mix mode the mixed data appears on both the Left and Right Channel
outputs. In analogue mono-mix mode the MONOUT bit controls whether the Right channel output
presents the data from the Right ADC (dc measurement) or a copy of the Left Channel (mixed)
output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC Control
8:7
MONOMIX[1:0]
00
00: Stereo
01: Analogue Mono-mix
10: Digital Mono-mix
11: Reserved
R5 (05h)
ADC Control
1
MONOUT
0
Analogue mono-mix format control
0: Left ADC data appears on Left
Channel output and Right ADC data
appears on Right Channel Output.
1: Left ADC data appears on both Left
and Right channel outputs.
Table 5 Mono Mixing Control
Note: In stereo mode (R5) 00, Bit 1 must always be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com