Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8737
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8737 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
WM8737L
Preliminary Technical Data
w
AI Rev 3.0 May 2004
28
MASTER CLOCK AND AUDIO SAMPLE RATES
The master clock (MCLK) is used to operate the digital filters and the noise shaping circuits. The
WM8737L supports a wide range of master clock frequencies, and can generate many commonly
used audio sample rates directly from the master clock.
There are two clocking modes:
•
‘Normal’ mode supports master clocks of 128fs, 192fs, 256fs, 384fs, and their multiples
•
USB mode supports 12MHz or 24MHz master clocks. This mode is intended for use in
systems with a USB interface, and eliminates the need for an external PLL to generate
another clock frequency for the audio ADC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
CLKDIV2
0
Master Clock Divide by 2
1: MCLK is divided by 2
0: MCLK is not divided
0
USB
0
Clocking Mode Select
1: USB Mode
0: ‘Normal’ Mode
5:1
SR[4:0]
0000
Sample Rate Control
R8 (08h)
Clocking and
Sample Rate
Control
7
AUTO
DETECT
0
Clock Ratio Autodetect
(Slave Mode Only)
0: Autodetect Off
1: Autodetect On
Table 15 Clocking and Sample Rate Control
The clocking of the WM8737L is controlled using the CLKDIV2, USB, and SR control bits. Setting the
CLKDIV2 bit divides MCLK by two internally. The USB bit selects between ‘Normal’ and USB mode.
Each combination of the SR4 to SR0 control bits selects one sample rate (see next page). The digital
filter chacteristics are automatically adjusted to suit the MCLK and sample rate selected (see Digital
Filter Characteristics).
Since all sample rates are generated by dividing MCLK, their accuracy depends on the accuracy of
MCLK. If MCLK changes, the sample rates change proportionately. Note that some sample rates
(e.g. 44.1kHz in USB mode) are approximated, i.e. they differ from their target value by a very small
amount. This is not audible, as the maximum deviation is only 0.27% (8.0214kHz instead of 8kHz in
USB mode - for comparison, a half-tone step corresponds to a 5.9% change in pitch).
In slave mode, it is possible to autodetect the audio clock rate ratio, instead of programming it. The
WM8737L can autodetect the following clock ratios:
•
CLKDIV2 = 0: MCLK = 128fs, 192fs, 256fs, or 384fs subject to MCLK < 40MHz
•
CLKDIV2 = 1: MCLK = 256fs, 384fs, 512fs, 768fs, 1024fs, 1536fs, subject to MCLK <
40MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com