Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8737
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8737 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Preliminary Technical Data
WM8737L
w
AI Rev 3.0 May 2004
23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
ALCSEL[1:0]
00
ALC function select
00 = ALC off (PGA gain set by
register)
01 = Right channel only
10 = Left channel only
11 = Stereo (PGA registers unused)
6:4
MAXGAIN
111
Set maximum gain for the PGA
111 : +30dB
110 : +24dB
…..(-6dB steps)
001 : -6dB
000 : -12dB
R12 (0Ch)
ALC Control 1
3:0
ALCL[3:0]
1100
ALC target level – sets signal level
after PGA at ADC input in 1dB steps
0000: -18dB FS
0001: -17dB FS
…
1110: -4dB FS
1111: -3dB FS
3:0
HLD[3:0]
0000
ALC hold time before gain is
increased
0000: 0ms
0001: 2.67ms
0010: 5.33ms
… (time doubles with every step)
1111: 43.691s
R13 (0Dh)
ALC Control 2
4
ALCZCE
0
Enable zero-cross function for the
ALC gain updates
0: Zero-cross disabled
1: Zero-cross enabled
3:0
ATK[3:0]
0010
ALC attack (gain ramp-down) time
0000: 8.4ms
0001: 16.8ms
0010: 33.6ms
… (time doubles with every step)
1010 or higher = 8.6s
R14 (0Eh)
ALC Control 3
7:4
DCY[3:0]
0011
ALC decay (gain ramp-up) time
0000: 33.6ms
0001: 67.2ms
0010: 134.4ms
… (time doubles with every step)
1010 or higher = 34.41s
Table 12 ALC Control
PEAK LIMITER
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes a
limiter function. If the ADC input signal exceeds 87.5% of full scale (–1.16dBFS), the PGA gain is
ramped down at the maximum attack rate (as when ATK = 0000), until the signal level falls below
87.5% of full scale. This function is automatically enabled whenever the ALC is enabled.
(Note: If ATK = 0000, then the limiter makes no difference to the operation of the ALC. It is designed
to prevent clipping when long attack times are used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com