Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8737
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8737 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 38Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Preliminary Technical Data
WM8737L
w
AI Rev 3.0 May 2004
35
APPLICATIONS INFORMATION
LINE INPUT CONFIGURATION
In order to avoid clipping, the user must ensure that the input signal does not exceed AVDD. This
may require a potential divider circuit in some applications. It is also recommended to remove RF
interference picked up on any cables using a simple first-order RC filter, as high-frequency
components in the input signal may otherwise cause aliasing distortion in the audio band. This filter
must not have high output impedance at audio frequencies (e.g. use a LC filter) if PGA gain errors
are to be minimised when bypassing the microphone preamplifier.
When using ac signals with no dc bias they should be coupled to the WM8737L signal inputs through
a DC blocking capacitor, e.g. 470nF or 1
µF when using the microphone preamplifier, and at least
10
µF if directly driving the PGA (bigger capacitance may be required at higher gains due to the low
PGA input impedance at high gain).
MICROPHONE INPUT CONFIGURATION
R2
47KOhm
C1
220pF
C2
1uF
AGND
AGND
AGND
LINPUT1/2/3
RINPUT1/2/3
FROM
MICROPHONE
R1
680 Ohm
MICBIAS
Figure 25 Recommended Circuit for Microphone Input
For interfacing to a microphone, the ALC function should be enabled and the microphone boost
switched on. Microphones held close to a speaker’s mouth would normally use a lower boost setting
such as 13dB, while tabletop or room microphones would need a higher boost, for example 28dB.
The recommended application circuit is shown above. R1 and R2 form part of the biasing network
(refer to Microphone Bias section). R1 connected to MICBIAS is necessary only for electret type
microphones that require a voltage bias. R2 should always be present to prevent the microphone
input from charging to a high voltage which may damage the microphone on connection. R1 and R2
should be large so as not to attenuate the signal from the microphone, which can have source
impedance greater than 2k
Ω. C1 together with the source impedance of the microphone and the
WM8737L input impedance forms an RF filter. C2 is a dc blocking capacitor to allow the microphone
to be biased at a different dc voltage to the MICIN signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com